Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2102AST1 Datasheet(PDF) 506 Page - Motorola, Inc

Part # MPXM2102AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AST1 Datasheet(HTML) 506 Page - Motorola, Inc

Back Button MPXM2102AST1 Datasheet HTML 502Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 503Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 504Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 505Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 506Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 507Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 508Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 509Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 510Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 506 / 670 page
background image
AN1571
3–360
Motorola Sensor Device Data
www.motorola.com/semiconductors
SOFTWARE DESCRIPTION
Upon system power–up, the user needs to manually pump
the cuff pressure to approximately 160 mmHg or 30 mmHg
above the previous SBP. During the pumping of the inflation
bulb, the microcontroller ignores the signal at the output of the
amplifier. When the subroutine TAKE senses a decrease in
CP for a continuous duration of more than 0.75 seconds, the
microcontroller will then assume that the user is no longer
pumping the bulb and starts to analyze the oscillation signal.
Figure 5 shows zoom–in view of a pulse.
–7.1
–7.3
–7.5
–7.7
–7.9
–8.1
–8.3
–8.5
Time (second)
Figure 5. Zoom–in view of a pulse
450 ms
Premature pulse
1.75
First of all, the threshold level of a valid pulse is set to be 1.75
V to eliminate noise or spike. As soon as the amplitude of a
pulse is identified, the microcontroller will ignore the signal for
450 ms to prevent any false identification due to the presence
of premature pulse ”overshoot” due to oscillation. Hence, this
algorithm can only detect pulse rate which is less than 133
beats per minute. Next, the amplitudes of all the pulses
detected are stored in the RAM for further analysis. If the
microcontroller senses a non–typical oscillation envelope
shape, an error message (“Err”) is output to the LCD. The user
will have to exhaust all the pressure in the cuff before
re–pumping the CP to the next higher value. The algorithm
ensures that the user exhausts all the air present in the cuff
before allowing any re–pumping. Otherwise, the venous blood
trapped in the distal arm may affect the next measurement.
Therefore, the user has to reduce the pressure in the cuff as
soon as possible in order for the arm to recover. Figure 6 is a
flowchart for the program that controls the system.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com