Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPX2202DP Datasheet(PDF) 439 Page - Motorola, Inc

Part # MPX2202DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2202DP Datasheet(HTML) 439 Page - Motorola, Inc

Back Button MPX2202DP Datasheet HTML 435Page - Motorola, Inc MPX2202DP Datasheet HTML 436Page - Motorola, Inc MPX2202DP Datasheet HTML 437Page - Motorola, Inc MPX2202DP Datasheet HTML 438Page - Motorola, Inc MPX2202DP Datasheet HTML 439Page - Motorola, Inc MPX2202DP Datasheet HTML 440Page - Motorola, Inc MPX2202DP Datasheet HTML 441Page - Motorola, Inc MPX2202DP Datasheet HTML 442Page - Motorola, Inc MPX2202DP Datasheet HTML 443Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 670 page
background image
AN1326
3–293
Motorola Sensor Device Data
www.motorola.com/semiconductors
APPENDIX
MC68HC11 Barometer Software Available on:
Motorola Electronic Bulletin Board
MCU Freeware Line
8–bit, no parity, 1 stop bit
1200/300 baud
(512) 891–FREE (3733)
* BAROMETER APPLICATIONS PROJECT
– Chris Winkler
* Developed: October 1st, 1992
– Motorola Discrete Applications
* This code will be used to implement an MC68HC11 Micro–Controller
* as a processing unit for a simple barometer system.
* The HC11 will interface with an MPX2100AP to monitor,store
* and display measured Barometric pressure via the 8–bit A/D channel
* The sensor output (32mv max) will be amplified to .5 – 2.5 V dc
* The processor will interface with a 4–digit LCD (FE202) via
* a Motorola LCD driver (MC145453) to display the pressure
* within +/– one tenth of an inch of mercury.
* The systems range is 15.0 – 30.5 in–Hg
*
A/D
& CPU Register Assignment
*
This code will use index addressing to access the
*
important control registers.
All addressing will be
*
indexed off of REGBASE, the base address for these registers.
REGBASE
EQU
$1000
* register base of control register
ADCTL
EQU
$30
* offset of A/D control register
ADR2
EQU
$32
* offset of A/D results register
ADOPT
EQU
$39
* offset for A/D option register location
PORTB
EQU
$04
* Location of PORTB used for conversion
PORTD
EQU
$08
* PORTD Data Register Index
DDRD
EQU
$09
* offset of Data Direction Reg.
SPCR
EQU
$28
* offset of SPI Control Reg.
SPSR
EQU
$29
* offset of SPI Status Reg.
SPDR
EQU
$2A
* offset of SPI Data Reg.
*
User Variables
*
The following locations are used to store important measurements
*
and calculations used in determining the altitude.
They
*
are located in the lower 256 bytes of user RAM
DIGIT1
EQU
$0001
* BCD blank digit (not used)
DIGIT2
EQU
$0002
* BCD tens digit for pressure
DIGIT3
EQU
$0003
* BCD tenths digit for pressure
DIGIT4
EQU
$0004
* BCD ones digit for pressure
COUNTER
EQU
$0005
* Variable to send 5 dummy bytes
POFFSET
EQU
$0010
* Storage Location for max pressure offset
SENSOUT
EQU
$0012
* Storage location for previous conversion
RESULT
EQU
$0014
* Storage of Pressure(in Hg) in hex format
FLAG
EQU
$0016
* Determines if measurement is within range
*
MAIN PROGRAM
*
The conversion process involves the following steps:
*
*
1.
Set–Up SPI device–
SPI_CNFG
*
2.
Set–Up A/D, Constants
SET_UP
*
3.
Read A/D, store sample
ADCONV
*
4.
Convert into in–Hg
IN_HG
*
5.
Determine FLAG condition
IN_HG
*
a.
Display error
ERROR
*
b.
Continue Conversion
INRANGE
*
6.
Convert hex to BCD format BCDCONV
*
7.
Convert LCD display digits
LOOKUP
*
8.
Output via SPI to LCD
SPI2LCD
*
This process is continually repeated as the loop CONVERT
*
runs unconditionally through BRA (the BRANCH ALWAYS statement)
*
Repeats to step 3 indefinitely.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com