Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPX2202DP Datasheet(PDF) 500 Page - Motorola, Inc

Part # MPX2202DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2202DP Datasheet(HTML) 500 Page - Motorola, Inc

Back Button MPX2202DP Datasheet HTML 496Page - Motorola, Inc MPX2202DP Datasheet HTML 497Page - Motorola, Inc MPX2202DP Datasheet HTML 498Page - Motorola, Inc MPX2202DP Datasheet HTML 499Page - Motorola, Inc MPX2202DP Datasheet HTML 500Page - Motorola, Inc MPX2202DP Datasheet HTML 501Page - Motorola, Inc MPX2202DP Datasheet HTML 502Page - Motorola, Inc MPX2202DP Datasheet HTML 503Page - Motorola, Inc MPX2202DP Datasheet HTML 504Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 670 page
background image
AN1556
3–354
Motorola Sensor Device Data
www.motorola.com/semiconductors
DESIGN EXAMPLE COMPARISON SUMMARY
The preceding examples show how sources of variation can
affect the overall system resolution. The MPX2010 has
on–chip temperature compensation and calibration circuitry to
reduce device–to–device variations and temperature effects.
Consequently, when designing the fixed–value amplifier
circuitry, the resolution possible with the MPX2010 is almost
four times greater than the same amplifier circuit using an
MPX10. In both examples, both systems’ performance
(Resolution) are optimized to be the best possible, given the
distribution of the sensor device parameters and the other
component variations.
As stated previously if the methodology’s calculations show
that the sensor’s signal will always be within the dynamic
range of the amplifier (and high and low reference voltages of
the A/D), a software calibration may then be implemented to
nullify
any
room
temperature
device–to–device
and
component variations.
It should be noted, however, that this methodology does not
consider how to obtain the best performance from a single
sensor system. Rather, the focus of the methodology is to
obtain
the
best
possible
system
performance
while
considering the distribution of device parameters that result
from manufacturing and other sources of variation. By
considering the sources of variation, the system may then be
mass–produced without individually calibrating the sensor
system hardware. Obviously, if each sensor system is
hand–calibrated, the performance will be better. However, the
hand–calibration also requires additional cost and time when
producing the sensor system.
CONCLUSION
To guarantee a specified performance when designing a
fixed–value circuit for sensor systems, all significant sources
of variation must be considered. By considering the sources
of variation (device–to–device variations, temperature effects,
and component tolerances), the system may be designed so
that the specified performance (resolution) is achieved while
still keeping the sensor’s amplified dynamic range within the
A/D window (or saturation levels of the amplifier). The
specified performance may be achieved in all cases by
applying the methodology described herein. By first calculat-
ing the Minimum Required Span to achieve the required
resolution in all scenarios and then determining if the
remaining dynamic range or headroom is large enough to
accommodate the sources of variation, the methodology
determines if the resolution requirement is feasible. If the
sources of variation are too large, the resolution requirement
may not be attainable. In such a case, the resolution
requirement should be relaxed, or the sources of variation
must be decreased. Finally, once the system is successfully
designed to ensure that the sensor signal will always be within
the dynamic range of the amplifier (and high and low reference
voltages of the A/D), a software calibration may be implement-
ed to nullify any room temperature device–to–device and
component variations.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com