Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPX2202DP Datasheet(PDF) 535 Page - Motorola, Inc

Part # MPX2202DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2202DP Datasheet(HTML) 535 Page - Motorola, Inc

Back Button MPX2202DP Datasheet HTML 531Page - Motorola, Inc MPX2202DP Datasheet HTML 532Page - Motorola, Inc MPX2202DP Datasheet HTML 533Page - Motorola, Inc MPX2202DP Datasheet HTML 534Page - Motorola, Inc MPX2202DP Datasheet HTML 535Page - Motorola, Inc MPX2202DP Datasheet HTML 536Page - Motorola, Inc MPX2202DP Datasheet HTML 537Page - Motorola, Inc MPX2202DP Datasheet HTML 538Page - Motorola, Inc MPX2202DP Datasheet HTML 539Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 670 page
background image
AN1660
3–389
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 5. MPX2010 Offset versus Temperature
CONCLUSION
PSPICE models for Uncompensated, MPX2000 series, and
MPX5000 series pressure sensors are available for estimat-
ing sensor performance. These models make use of the com-
pounding concept that is used in finance to calculate
compound interest. The resulting compound temperature
coefficients do a better job than linear methods of modeling
temperature dependent behavior. These models make exten-
sive use of PSPICE’s .PARAMETER statement, and are,
therefore, specific to PSPICE. They are intended as refer-
ences for determining typical sensor performance, and are
structured for easy entry of alternate assumptions.
DISCLAIMERS
Macromodels, simulation models, or other models pro-
vided by Motorola, directly or indirectly, are not warranted by
Motorola as fully representing all of the specifications and
operating characteristics of the semiconductor product to
which the model relates. Moreover, these models are fur-
nished on an “as is” basis without support or warranty of any
kind, either expressed or implied, regarding the use thereof
and Motorola specifically disclaims all implied warranties of
merchantability and fitness of the models for any purpose.
Motorola does not assume any liability arising out of the
application or use of the models including infringement of
patents and copyrights nor does Motorola convey any
license under its patents and copyrights or the rights of
others. Motorola reserves the right to make changes without
notice to any model.
Although macromodels can be a useful tool in evaluating
device performance in various applications, they cannot
model exact device performance under all conditions, nor are
they intended to replace breadboarding for final verification.
Motorola reserves the right to make changes without further
notice to any products herein. Motorola makes no warranty,
representation or guarantee regarding the suitability of its
products for any particular purpose, nor does Motorola
assume any liability arising out of the application or use of any
product or circuit, and specifically disclaims any and all liabil-
ity, including without limitation consequential or incidental
damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals”
must be validated for each customer application by custom-
er’s technical experts. Motorola does not convey any license
under its patent rights nor the rights of others. Motorola prod-
ucts are not designed, intended, or authorized for use as com-
ponents in systems intended for surgical implant into the body,
or other applications intended to support or sustain life, or for
any other application in which the failure of the Motorola prod-
uct could create a situation where personal injury or death may
occur. Should Buyer purchase or use Motorola products for
any such unintended or unauthorized application, Buyer shall
indemnify and hold Motorola and its officers, employees, sub-
sidiaries, affiliates, and distributors harmless against all
claims, costs, damages, and expenses, and reasonable attor-
ney fees arising out of, directly or indirectly, any claim of per-
sonal injury or death associated with such unintended or
unauthorized use, even if such claim alleges that Motorola
was negligent regarding the design or manufacture of the part.
Motorola and (Motorola logo symbol) are registered trade-
marks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/
Affirmative Action Employer.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com