Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPX2202DP Datasheet(PDF) 565 Page - Motorola, Inc

Part # MPX2202DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2202DP Datasheet(HTML) 565 Page - Motorola, Inc

Back Button MPX2202DP Datasheet HTML 561Page - Motorola, Inc MPX2202DP Datasheet HTML 562Page - Motorola, Inc MPX2202DP Datasheet HTML 563Page - Motorola, Inc MPX2202DP Datasheet HTML 564Page - Motorola, Inc MPX2202DP Datasheet HTML 565Page - Motorola, Inc MPX2202DP Datasheet HTML 566Page - Motorola, Inc MPX2202DP Datasheet HTML 567Page - Motorola, Inc MPX2202DP Datasheet HTML 568Page - Motorola, Inc MPX2202DP Datasheet HTML 569Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 670 page
background image
AN4010
3–419
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Circuit Schematic
Voffset is the reference voltage for the first op-amp and is
pre-set with a voltage divider from the supply voltage. This
value is set to be 6.7 percent of the supply voltage. It is
important to keep this value relatively small simply because it
too is amplified by the second gain stage. It is also desirable
to have resistors R7 and R8 sufficiently large to reduce power
consumption.
The second gain stage takes the signal from the first gain
stage, V, and feeds it into the non-inverting input of a single
op-amp.
This op-amp is also configured with standard
non-inverting feedback, resulting in a gain of G2=R5/R6+1.
The default value is set to 2, but can easily be changed.
The signal produced at the output of the second stage
amplifier, V (op-amp pin 8) is the fully amplified signal. This is
calculated as
V2 = G2* V1. ….Equation (2)
From this point, there are two possible output types
available. One is a simple follower circuit, as shown in Figure
3, in which the circuit output, Vout (op-amp pin 14), is
essentially a buffered V signal. This analog output option is
available for applications in which the real time nature of the
pressure signal needs to be measured. This option is selected
by connecting jumpers J5 and J6. J4 and J7 are not connected
for analog output.
The second output choice, a switch output as shown in
Figure 4, is accomplished by setting jumpers J4 and J7, and
leaving J5 and J6 unconnected. This is appropriate for
applications in which a switching function is desired. In this
case, the fourth op-amp is configured as a comparator, which
will invert V2, high or low, depending on whether V2 is larger
or smaller than the preset reference signal, set by trim-pot R9.
This signal can be used to simulate a real world threshold.
Figure 3. Analog Output Jumper Settings
Figure 4. Switch Output Jumper Settings
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com