Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F74 Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC16F74
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F74 Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC16F74 Datasheet HTML 161Page - Microchip Technology PIC16F74 Datasheet HTML 162Page - Microchip Technology PIC16F74 Datasheet HTML 163Page - Microchip Technology PIC16F74 Datasheet HTML 164Page - Microchip Technology PIC16F74 Datasheet HTML 165Page - Microchip Technology PIC16F74 Datasheet HTML 166Page - Microchip Technology PIC16F74 Datasheet HTML 167Page - Microchip Technology PIC16F74 Datasheet HTML 168Page - Microchip Technology PIC16F74 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 163
PIC16F7X
INDEX
A
A/D
A/D Conversion Status (GO/DONE Bit) ..................... 83
Acquisition Requirements .......................................... 86
ADCON0 Register ..................................................... 83
ADCON1 Register ..................................................... 83
ADRES Register ........................................................ 83
Analog Port Pins ...................................... 8
, 10, 12, 39
Analog-to-Digital Converter ....................................... 83
Associated Registers ................................................. 88
Configuring Analog Port Pins .................................... 87
Configuring the Interrupt ............................................ 85
Configuring the Module ............................................. 85
Conversion Clock ...................................................... 87
Conversion Requirements ....................................... 139
Conversions ............................................................... 87
Converter Characteristics ........................................ 138
Effects of a RESET .................................................... 87
Faster Conversion - Lower Resolution
Trade-off .................................................... 87
Internal Sampling Switch (Rss) Impedance ............... 86
Operation During SLEEP ........................................... 87
Source Impedance .................................................... 86
Using the CCP Trigger .............................................. 88
Absolute Maximum Ratings ............................................. 119
ACK Pulse .................................................................. 65
, 66
ADCON0 Register ............................................................. 83
GO/DONE Bit ............................................................ 83
ADCON1 Register ............................................................. 83
ADRES Register ................................................................ 83
Analog Port Pins. See A/D
Application Notes
AN552 (Implementing Wake-up on Key Strokes
Using PIC16F7X) ...................................... 33
AN556 (Implementing a Table Read) ........................ 26
AN578 (Use of the SSP Module in the I2C
Multi-Master Environment) ........................ 59
AN607 (Power-up Trouble Shooting) ........................ 94
Assembler
MPASM Assembler ................................................. 113
B
Banking, Data Memory ...................................................... 13
BF bit ................................................................................. 60
Block Diagrams
A/D ............................................................................. 85
Analog Input Model .................................................... 86
Capture Mode Operation ........................................... 55
Compare .................................................................... 55
Crystal/Ceramic Resonator Operation (HS, XT
or LP Osc Configuration) ........................... 91
External Clock Input Operation
(HS Osc Configuration) ............................. 91
Interrupt Logic ............................................................ 99
PIC16F73 and PIC16F76 ............................................ 6
PIC16F74 and PIC16F77 ............................................ 7
PORTA
RA3:RA0 and RA5 Port Pins ............................. 31
RA4/T0CKI Pin .................................................. 31
PORTB
RB3:RB0 Port Pins ............................................ 33
RB7:RB4 Port Pins ............................................ 33
PORTC (Peripheral Output Override) ........................ 35
PORTD (In I/O Port Mode) ........................................ 36
PORTD and PORTE (Parallel Slave Port) ................ 40
PORTE (In I/O Port Mode) ........................................ 37
PWM Mode ............................................................... 57
RC Oscillator Mode ................................................... 92
Recommended MCLR Circuit ................................... 94
Reset Circuit .............................................................. 93
SSP (I2C Mode) ........................................................ 65
SSP (SPI Mode) ........................................................ 62
Timer0/WDT Prescaler .............................................. 43
Timer1 ....................................................................... 48
Timer2 ....................................................................... 51
Typical In-Circuit Serial Programming
Connection .............................................. 103
USART
Receive ............................................................. 75
USART Transmit ....................................................... 73
Watchdog Timer (WDT) .......................................... 101
BOR. See Brown-out Reset
BRGH bit ........................................................................... 71
Brown-out Reset (BOR) ..........................89
, 93, 94, 95, 96
C
Capture/Compare/PWM (CCP)
Associated Registers ..........................................56
, 58
Capture Mode ........................................................... 55
Prescaler ........................................................... 55
CCP Pin Configuration ........................................55
, 56
CCP1
RC2/CCP1 Pin ..............................................9
, 11
CCP2
RC1/T1OSI/CCP2 Pin ...................................9
, 11
Compare Mode ......................................................... 55
Software Interrupt Mode .................................... 56
Special Trigger Output ...................................... 56
Timer1 Mode Selection ..................................... 56
Example PWM Frequencies and Resolutions ........... 58
Interaction of Two CCP Modules .............................. 53
PWM Duty Cycle ....................................................... 57
PWM Mode ............................................................... 57
PWM Period .............................................................. 57
Setup for PWM Operation ......................................... 58
Special Event Trigger and A/D Conversions ............. 56
Timer Resources ....................................................... 53
CCP1 Module .................................................................... 53
CCP2 Module .................................................................... 53
CCPR1H Register ............................................................. 53
CCPR1L Register .............................................................. 53
CCPxM<3:0> bits .............................................................. 54
CCPxX and CCPxY bits .................................................... 54
CKE bit .............................................................................. 60
CKP bit .............................................................................. 61
Code Examples
Call of a Subroutine in Page 1 from Page 0 .............. 26
Changing Between Capture Prescalers .................... 55
Changing Prescaler Assignment to Timer0 ............... 45
Changing Prescaler Assignment to WDT .................. 45
FLASH Program Read .............................................. 30
Indirect Addressing ................................................... 27
Initializing PORTA ..................................................... 31
Reading a 16-bit Free-Running Timer ....................... 49
Saving STATUS, W, and PCLATH Registers
in RAM .................................................... 100
Writing a 16-bit Free-Running Timer ......................... 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com