Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-E/P Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 122Page - Microchip Technology PIC16F73-E/P Datasheet HTML 123Page - Microchip Technology PIC16F73-E/P Datasheet HTML 124Page - Microchip Technology PIC16F73-E/P Datasheet HTML 125Page - Microchip Technology PIC16F73-E/P Datasheet HTML 126Page - Microchip Technology PIC16F73-E/P Datasheet HTML 127Page - Microchip Technology PIC16F73-E/P Datasheet HTML 128Page - Microchip Technology PIC16F73-E/P Datasheet HTML 129Page - Microchip Technology PIC16F73-E/P Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 174 page
background image
PIC16F7X
DS30325B-page 124
 2002 Microchip Technology Inc.
VOL
Output Low Voltage
D080
I/O ports
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
°C to +125°C
D083
OSC2/CLKOUT (RC osc config)
—
—
—
—
0.6
0.6
V
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +125°C
IOL = 1.2 mA, VDD = 4.5V,
-40
°C to +125°C
VOH
Output High Voltage
D090
I/O ports (Note 3)
VDD - 0.7
——
VIOH = -3.0 mA, VDD = 4.5V,
-40
°C to +125°C
D092
OSC2/CLKOUT (RC osc config) VDD - 0.7
VDD - 0.7
—
—
—
—
V
V
IOH = -1.3 mA, VDD = 4.5V,
-40
°C to +125°C
IOH = -1.0 mA, VDD = 4.5V,
-40
°C to +125°C
D150*
VOD
Open Drain High Voltage
——
12
V
RA4 pin
Capacitive Loading Specs on Output Pins
D100
COSC2 OSC2 pin
——
15
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1
D101
CIO
All I/O pins and OSC2
(in RC mode)
——
50
pF
D102
CB
SCL, SDA in I2C mode
——
400
pF
Program FLASH Memory
D130
EP
Endurance
100
1000
—
E/W 25
°C at 5V
D131
VPR
VDD for Read
2.0
—
5.5
V
15.2
DC Characteristics:
PIC16F73/74/76/77 (Industrial, Extended)
PIC16LF73/74/76/77 (Industrial) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC Specification,
Section 15.1.
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16F7X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com