Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-I/SS Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC16F73-I/SS
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SS Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC16F73-I/SS Datasheet HTML 121Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 122Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 123Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 124Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 125Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 126Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 127Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 128Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 123
PIC16F7X
15.2
DC Characteristics:
PIC16F73/74/76/77 (Industrial, Extended)
PIC16LF73/74/76/77 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC Specification,
Section 15.1.
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030
with TTL buffer
VSS
—
0.15VDD
V
For entire VDD range
D030A
VSS
—
0.8V
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger buffer
VSS
—
0.2VDD
V
D032
MCLR, OSC1 (in RC mode)
VSS
—
0.2VDD
V
(Note 1)
D033
OSC1 (in XT and LP mode)
VSS
—
0.3V
V
OSC1 (in HS mode)
VSS
—
0.3VDD
V
VIH
Input High Voltage
I/O ports:
D040
with TTL buffer
2.0
—
VDD
V4.5V
≤ VDD ≤ 5.5V
D040A
0.25VDD
+ 0.8V
—
VDD
V
For entire VDD range
D041
with Schmitt Trigger buffer
0.8VDD
—
VDD
V
For entire VDD range
D042
MCLR
0.8VDD
—
VDD
V
D042A
OSC1 (in XT and LP mode)
1.6V
—
VDD
V
OSC1 (in HS mode)
0.7VDD
—
VDD
V
D043
OSC1 (in RC mode)
0.9VDD
—
VDD
V
(Note 1)
D070
IPURB PORTB Weak Pull-up Current
50
250
400
µAVDD = 5V, VPIN = VSS
IIL
Input Leakage Current (Notes 2, 3)
D060
I/O ports
——
±1
µAVss ≤ VPIN ≤ VDD, pin at
hi-impedance
D061
MCLR, RA4/T0CKI
——
±5
µAVss ≤ VPIN ≤ VDD
D063
OSC1
——
±5
µAVss ≤ VPIN ≤ VDD, XT, HS and LP
osc configuration
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16F7X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com