Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-I/SS Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC16F73-I/SS
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SS Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC16F73-I/SS Datasheet HTML 135Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 136Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 137Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 138Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 139Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 140Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 141Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 142Page - Microchip Technology PIC16F73-I/SS Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 137
PIC16F7X
FIGURE 15-17:
USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 15-10: USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 15-18:
USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 15-11: USART SYNCHRONOUS RECEIVE REQUIREMENTS
Note: Refer to Figure 15-3 for load conditions.
121
121
122
RC6/TX/CK
RC7/RX/DT
pin
pin
120
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units Conditions
120
TckH2dtV
SYNC XMIT (MASTER &
SLAVE)
Clock high to data out valid
Standard(F)
——
80
ns
Extended(LF)
——
100
ns
121
Tckrf
Clock out rise time and fall
time (Master mode)
Standard(F)
——
45
ns
Extended(LF)
——
50
ns
122
Tdtrf
Data out rise time and fall
time
Standard(F)
——
45
ns
Extended(LF)
——
50
ns
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note: Refer to Figure 15-3 for load conditions.
125
126
RC6/TX/CK
RC7/RX/DT
pin
pin
Parameter
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
125
TdtV2ckL
SYNC RCV (MASTER & SLAVE)
Data setup before CK
↓ (DT setup time)
15
——
ns
126
TckL2dtl
Data hold after CK
↓ (DT hold time)
15
——
ns
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com