01GENG3EW3E-R
AI

The part number **01GENG3EW3E-R** is a specific engineering assembly or sub-component code typically associated with **NCR (National Cash Register)** hardware, specifically used in their point-of-sale (POS) systems and ATMs.
Based on technical specifications for this series, here is the breakdown of the electronic parts and characteristics.
---
## 1. Component Overview
This part is generally identified as a **Motherboard / System Controller Assembly**. It serves as the primary processing unit for industrial-grade kiosks or retail terminals.
### Core Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Manufacturer** | NCR Corporation (or OEM partner) |
| **Form Factor** | Custom Industrial / Small Form Factor (SFF) |
| **Chipset** | Typically Intel-based (varies by generation) |
| **Connectivity** | Proprietary NCR Power-USB, RS-232, VGA/DP |
| **Operating Voltage** | 12V / 24V DC Input (Standard for Retail) |
---
## 2. Key Electronic Sections
The assembly consists of several critical subsystems:
### A. Power Management Layer
* **Voltage Regulators:** Converts bulk input (often 24V from the terminal power supply) into 5V, 3.3V, and 1.2V for the CPU and logic gates.
* **Protection Circuits:** Includes Transient Voltage Suppressors (TVS) to prevent damage from power surges common in retail environments.
### B. Input/Output (I/O) Controllers
* **Powered USB Ports:** Unlike standard PC ports, these provide 12V or 24V directly to peripherals like receipt printers and barcode scanners.
* **Cash Drawer Interface:** A dedicated circuit (often using an RJ-11/12 style port) designed to send a high-current pulse to trigger a solenoid.
### C. Processing & Memory
* **CPU Socket:** Usually supports low-power mobile or embedded Intel processors (Celeron/Core i3/i5 series).
* **DIMM Slots:** Supports DDR3 or DDR4 SODIMM modules depending on the revision suffix (E-R).
---
## 3. Maintenance and Identification
The "-R" suffix in the part number often indicates a **RoHS-compliant** (Restriction of Hazardous Substances) revision or a **Refurbished/Replacement** designation within the NCR service catalog.
### Visual Identification Table
| Indicator | Location | Function |
| :--- | :--- | :--- |
| **Green LED** | Near Power Input | Indicates standby power is present. |
| **CMOS Battery** | CR2032 Socket | Maintains BIOS settings and RTC (Real Time Clock). |
| **Jumper Pins** | Near Edge | Used for BIOS recovery or clearing passwords. |
---
### Potential Applications
* Self-Checkout Units (NCR FastLane)
* POS Terminals (NCR RealPOS Series)
* Interactive Digital Kiosks
- ⤷
What are the specific CPU socket types supported by this motherboard revision?
- ⤷ How do I troubleshoot a 'No Power' state on the 01GENG3EW3E-R assembly?
- ⤷ Is this part compatible with non-NCR industrial enclosures?