Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 0603CS-R10XJRY

  • AI
    ## Overview of 0603CS-R10XJRY The **0603CS-R10XJRY** is a high-frequency, wire-wound surface mount (SMD) inductor typically manufactured by **Coilcraft**. It belongs to the 0603CS series, which is known for its high "Q" factors and excellent self-resonant frequencies (SRF). --- ### Part Number Breakdown Understanding the alphanumeric code helps identify the specific characteristics of the component: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **0603** | Size Code | Standard EIA footprint (1.6 x 0.8 mm). | | **CS** | Series | Ceramic core, wire-wound inductor. | | **R10** | Inductance Value | R denotes decimal point. **0.10 µH** (or 100 nH). | | **X** | Termination | Standard termination (typically Silver-Palladium-Platinum-Glass frit). | | **J** | Tolerance | **±5%** tolerance. | | **R** | Orientation/Packaging | Tape and Reel (7-inch reel). | | **Y** | Environmental | RoHS compliant / Lead-free. | --- ### Technical Specifications Below are the typical electrical parameters for this specific part: | Parameter | Value | | :--- | :--- | | **Inductance** | 100 nH @ 150 MHz | | **Tolerance** | ±5% | | **Quality Factor (Q) Min** | 58 @ 500 MHz | | **SRF (Self-Resonant Frequency) Typ** | 1600 MHz | | **DCR (Direct Current Resistance) Max** | 0.460 Ohms | | **IDC (Maximum Rated Current)** | 400 mA | | **Operating Temperature** | -40°C to +125°C | --- ### Key Features and Applications #### Features: 1. **Wire-Wound Construction:** Provides much higher Q factors and current handling compared to multilayer ceramic inductors. 2. **Ceramic Core:** Ensures high thermal stability and very high SRF, making it ideal for RF applications. 3. **Small Footprint:** The 0603 size is standard for high-density PCB designs. #### Typical Applications: * **RF Tuning:** Used in resonant circuits for wireless communication. * **Signal Filtering:** High-frequency low-pass or band-pass filters. * **Impedance Matching:** Used in the frontend of Wi-Fi, Bluetooth, and cellular modules to match antenna impedance. * **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive RF ICs. --- ### Comparison: Wire-Wound vs. Multilayer Inductors When selecting this part, it is important to know why wire-wound (like the CS series) is chosen over multilayer: ```markdown 1. Wire-wound (0603CS): Higher Q, lower DCR, higher current, higher cost. 2. Multilayer: Lower Q, higher DCR, lower current, lower cost, smaller profile. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 0603CS and 0603HP series?
    • ⤷ How does the Q factor impact the performance of this inductor in RF circuits?
    • ⤷ Can this inductor be used for power management applications?