0603CS-R25XGLW
AI

The part number **0603CS-R25XGLW** refers to a high-frequency, wirewound surface-mount (SMD) inductor, typically manufactured by **Coilcraft**. These components are designed for RF (Radio Frequency) applications where high Q-factors and tight tolerances are required.
---
### 1. Part Number Breakdown
Understanding each character in the part number helps define its electrical and physical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **0603** | Size Code | Standard EIA footprint (1.6 x 0.8 mm). |
| **CS** | Series | Ceramic core, square construction (High Q). |
| **R25** | Inductance | **250 nH** (R denotes decimal point in microhenries). |
| **X** | Testing | Standard testing / Standard screening. |
| **G** | Tolerance | **±2%** (Precision tolerance). |
| **L** | Termination | RoHS compliant Silver-Palladium-Platinum-Glass frit. |
| **W** | Packaging | 7″ machine-ready embossed tape (typically 2000 per reel). |
---
### 2. Technical Specifications
The 0603CS series is known for its exceptional performance in wireless communication devices.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 250 nH |
| **Tolerance** | ±2% |
| **Quality Factor (Q) min** | 44 (at 250 MHz) |
| **SRF (Self-Resonant Frequency) typ** | 860 MHz |
| **DCR (Direct Current Resistance) max** | 1.15 Ohms |
| **Irms (Maximum DC Current)** | 350 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Key Features & Construction
* **Wirewound Ceramic Core:** Unlike multilayer inductors, the wirewound construction allows for significantly higher **Q-factors**, meaning lower energy loss in RF circuits.
* **High Self-Resonant Frequency (SRF):** This allows the inductor to remain inductive at very high frequencies before parasitic capacitance takes over.
* **Precision Inductance:** The "G" rating (2%) is ideal for impedance matching and filter circuits where tight specs are critical for performance.
---
### 4. Typical Applications
This specific part is widely used in:
* **RF Impedance Matching:** Used in the front-end of GPS, Wi-Fi, and LTE modules.
* **Filters:** High-pass, low-pass, and band-pass filters for signal processing.
* **Oscillators:** Stability in VCOs (Voltage Controlled Oscillators).
* **Bluetooth & Zigbee:** Compact wireless communication protocols.
---
- ⤷What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the Q-factor affect the performance of an RF circuit?
- ⤷ Are there any direct substitutes for the 0603CS series from other manufacturers?