0603CS-R27X
AI

The **0603CS-R27X** is a specific part number for a high-frequency, ceramic core chip inductor manufactured by **Coilcraft**. It belongs to the 0603CS series, which are surface-mount devices (SMD) known for their high Q-factors and tight tolerances.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 270 nH | The "R27" indicates 0.27 µH (or 270 nH). |
| **Case Size** | 0603 (EIA) | 1.6 mm x 0.8 mm (Metric 1608). |
| **Core Material** | Ceramic | Non-magnetic; offers high stability and Q at high frequencies. |
| **Tolerance** | Usually ±5% (J) | Common for the 'X' suffix in this series. |
| **DCR (Max)** | 0.91 Ohms | Maximum DC resistance of the internal winding. |
| **SRF (Min)** | 900 MHz | Self-Resonant Frequency; the limit for inductive behavior. |
| **Irms** | 280 mA | Maximum current capacity before excessive heat. |
---
## 2. Construction and Design
The 0603CS series utilizes a **Wire-Wound** construction on a ceramic substrate. This provides several advantages over multilayer inductors:
* **High Q-Factor:** Because the coil is physically wound with wire, it has lower resistance at high frequencies compared to printed multilayer types.
* **Low Parasitics:** The ceramic core ensures the lowest possible parasitic capacitance, leading to a high Self-Resonant Frequency (SRF).
* **Encapsulation:** The "X" often denotes a specific termination or coating style (usually a clear UV-cured epoxy top) that protects the wire while allowing for automated pick-and-place assembly.
---
## 3. Typical Applications
This component is designed primarily for **RF (Radio Frequency)** and wireless communication circuits:
1. **Impedance Matching:** Used in the front-end of RF transceivers to match antenna impedance to the power amplifier or LNA.
2. **Filter Networks:** Integral in Band Pass Filters (BPF) and Low Pass Filters (LPF) for signal conditioning.
3. **VCO Tuning:** Used in Voltage Controlled Oscillators to set the oscillation frequency.
4. **Signal Isolation:** Choking high-frequency noise while allowing DC power to pass through.
---
## 4. Soldering & Footprint
* **Mounting:** SMD (Surface Mount Device).
* **Land Pattern:** Standard 0603 pads.
* **Process:** Compatible with lead-free reflow soldering (RoHS compliant).
- ⤷
What is the difference between a ceramic core and a ferrite core inductor?
- ⤷
How does the Q-factor affect the performance of an RF filter?
- ⤷
What are the alternatives to Coilcraft for 0603 wire-wound inductors?