10-R0126PA025SC-M629F40
AI

The part number **10-R0126PA025SC-M629F40** refers to a high-power **IGBT (Insulated Gate Bipolar Transistor) Module**, typically manufactured by companies like **Vincotech**. These modules are designed for power conversion in industrial environments.
---
### 1. Technical Specification Breakdown
Based on standard nomenclature for this series, here is the breakdown of the technical characteristics:
| Feature | Description |
| :--- | :--- |
| **Component Type** | IGBT Power Module |
| **Circuit Configuration** | PIM (Power Integrated Module) or Six-pack with Brake |
| **Voltage Rating** | Typically 600V or 1200V (depending on series sub-codes) |
| **Current Rating** | 25A (indicated by the '025' in the string) |
| **Housing/Package** | flow 1 or flow 0 (compact, low-inductance housing) |
| **Substrate** | Alumina (Al2O3) or AlN for thermal conductivity |
---
### 2. Key Components Inside the Module
This module is an integrated solution, meaning it contains several electronic parts within a single housing:
1. **Three-Phase Inverter:** Six IGBTs with freewheeling diodes to convert DC to AC.
2. **Brake Chopper:** An additional IGBT and diode used to dissipate energy during motor braking.
3. **Rectifier Bridge:** A diode bridge to convert incoming AC power to DC.
4. **NTC Thermistor:** An internal temperature sensor used for thermal protection and monitoring.
---
### 3. Application Areas
These modules are engineered for high efficiency and high switching frequencies. Common uses include:
* **Industrial Drives:** Controlling the speed and torque of electric motors.
* **Solar Inverters:** Converting DC power from panels into grid-compliant AC.
* **Uninterruptible Power Supplies (UPS):** Managing power flow during outages.
* **Embedded Drives:** Compact motor control integrated directly into machinery.
---
### 4. Critical Ratings
| Parameter | Value (Typical) |
| :--- | :--- |
| **$V_{CES}$ (Collector-Emitter Voltage)** | 600V / 1200V |
| **$I_C$ (Continuous Collector Current)** | 25A @ $T_c = 80^\circ C$ |
| **$V_{CE(sat)}$ (Saturation Voltage)** | ~1.5V - 2.0V |
| **Mounting** | Solder pins or Press-fit pins |
- ⤷
What is the exact pinout diagram for the M629F40 variant?
- ⤷ How does the NTC thermistor integrate with the external controller for thermal protection?
- ⤷ What are the recommended heat sink requirements for a 25A load?