1008CP-R12
AI

The **1008CP-R12** is a specific part number typically associated with **Surface Mount (SMT) Wire-wound Chip Inductors**. This component is widely used in high-frequency applications where precise inductance and high reliability are required.
### 1. Technical Specifications Table
The following table outlines the typical characteristics of a component with this nomenclature:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.12 µH (120 nH) |
| **Case Size** | 1008 (2.5 mm x 2.0 mm) |
| **Tolerance** | ±5% (Standard for 'J' grade) or ±10% ('K' grade) |
| **Material** | Ceramic Core (non-magnetic) |
| **Current Rating** | High Current (CP indicates High Current / Low DCR series) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Breakdown of the Part Number
The part number follows a standard industry convention:
* **1008**: Represents the physical dimensions in inches. (1.0" x 0.08" nominal, or **2.5 x 2.0 mm**).
* **CP**: Often denotes the series type, typically indicating a **High Current** or **High Q** performance profile compared to standard CS series.
* **R12**: This is the inductance code.
* "R" acts as the decimal point.
* **R12 = 0.12 µH** (which is equivalent to **120 nH**).
---
### 3. Key Features and Applications
#### Features
* **High Q Factor**: Provides low loss at high frequencies, making it ideal for RF circuits.
* **Wire-wound Construction**: Offers much higher current handling and lower DC resistance (DCR) than multilayer inductors.
* **Ceramic Core**: Ensures excellent thermal stability and high self-resonant frequency (SRF).
#### Common Applications
1. **RF Communications**: Used in cellular phones, Wi-Fi modules, and Bluetooth devices.
2. **Impedance Matching**: Essential in antenna matching circuits to ensure maximum power transfer.
3. **Filtering**: Used in high-frequency low-pass or band-pass filters to eliminate noise.
4. **Satellite Equipment**: Due to its stability in high-frequency ranges.
---
### 4. Comparison: Wire-wound vs. Multilayer
| Feature | 1008CP (Wire-wound) | Multilayer Inductor |
| :--- | :--- | :--- |
| **Current Handling** | Higher | Lower |
| **Q Factor** | High | Low to Medium |
| **DC Resistance** | Lower | Higher |
| **Cost** | Slightly Higher | Economical |
- ⤷
What is the maximum DC resistance (DCR) for the 1008CP-R12?
- ⤷ Can this inductor be used in power supply switching circuits?
- ⤷ How does the 'CP' series differ from the 'CS' series in chip inductors?