1008CP-R33
AI

The **1008CP-R33** is a specific part number for a surface-mount (SMD) wire-wound chip inductor. These components are primarily used in high-frequency RF (Radio Frequency) circuits.
Below is a detailed breakdown of its technical specifications and characteristics.
---
### 1. Part Number Breakdown
Inductor part numbers are typically coded to describe their physical size and electrical properties.
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **1008** | Case Size | Dimensions are approx. 0.10 x 0.08 inches (2.5 x 2.0 mm). |
| **CP** | Series Type | Often denotes a standard high-performance wire-wound series. |
| **R33** | Inductance Value | "R" acts as a decimal point. **0.33 µH** (or 330 nH). |
---
### 2. Technical Specifications
While exact specs can vary slightly by manufacturer (e.g., Coilcraft, Gowanda), the standard parameters for a 0.33 µH 1008 inductor are:
* **Inductance:** 330 nH (0.33 µH).
* **Tolerance:** Typically ±5% (J) or ±10% (K).
* **Quality Factor (Q):** High Q (usually >45 at 100 MHz), ensuring low signal loss.
* **Self-Resonant Frequency (SRF):** Usually around 500–600 MHz.
* **DC Resistance (DCR):** Low resistance (typically < 0.60 Ohms) to minimize heat and power loss.
* **Rated Current:** Generally handles between 300mA to 600mA depending on the specific build.
---
### 3. Construction and Features
* **Wire-Wound Core:** Uses a ceramic or ferrite core wrapped with copper wire. This construction allows for much higher "Q" factors and better current handling than multilayer chip inductors.
* **Ceramic Body:** Most 1008CP models use a ceramic body, which provides excellent thermal stability and very high SRF.
* **Surface Mount (SMD):** Designed for automated "pick and place" assembly on PCBs.
---
### 4. Common Applications
Due to its high resonance and stability, the 1008CP-R33 is found in:
1. **RF Filters:** Used in band-pass or low-pass filters for wireless communication.
2. **Impedance Matching:** Tuning antenna circuits to ensure maximum power transfer.
3. **Oscillators:** Providing stable inductance for frequency generation.
4. **Telecommunications:** Used in Bluetooth, Wi-Fi modules, and GPS receivers.
---
- ⤷What is the difference between a wire-wound and a multilayer chip inductor?
- ⤷ How does the 'Q factor' affect RF circuit performance?
- ⤷ Which manufacturers produce the 1008CP series?