Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 1008F-R10J

  • AI
    The **1008F-R10J** is a specific part number for a **Surface Mount (SMD) Wire-wound Chip Inductor**. These components are widely used in Radio Frequency (RF) and communication circuits for filtering, impedance matching, and resonance. ### 1. Breakdown of the Part Number The alphanumeric code follows a standardized industry format, typically used by manufacturers like **Delevan** or **Fastron**: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Package Size** | `1008` | Dimensions are 0.10 x 0.08 inches (approx. 2.5 x 2.0 mm). | | **Material/Series** | `F` | Often denotes Ferrite core or a specific series (e.g., Lead-free). | | **Inductance Value** | `R10` | The "R" acts as a decimal point. **0.10 µH** (or 100 nH). | | **Tolerance** | `J` | Denotes a tolerance of **±5%**. | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer, the standard specifications for a 1008F-R10J are typically: * **Inductance:** 100 nH (0.10 µH) * **Tolerance:** ±5% * **Core Material:** Ferrite (provides higher inductance in a small package compared to ceramic). * **Operating Temperature:** Generally -40°C to +125°C. * **Mounting Type:** Surface Mount Device (SMD/SMT). * **Termination:** Gold or Tin-plated pads for soldering. --- ### 3. Key Characteristics 1. **High Q Factor:** Designed to provide low loss at high frequencies. 2. **Self-Resonant Frequency (SRF):** For 100 nH, the SRF is usually quite high (often above 500 MHz), making it suitable for high-speed signal processing. 3. **DC Resistance (DCR):** Low resistance to ensure minimal power loss and heat generation. 4. **Current Rating:** It can typically handle between 300mA to 600mA, depending on the specific series. --- ### 4. Common Applications * **RF Tuning:** Used in resonant circuits for radio receivers and transmitters. * **Filtering:** To block high-frequency noise in power supply lines (DC-DC converters). * **Impedance Matching:** Ensuring maximum power transfer between different stages of an RF circuit (e.g., between an antenna and an amplifier). * **Mobile Communication:** Found in cellular phones, Wi-Fi modules, and Bluetooth devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite core and a ceramic core inductor?
    • ⤷ How do I calculate the resonant frequency for this part?
    • ⤷ What are the common alternatives to the 1008 package size?