Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 10250-R20CFB

  • AI
    The **10250-R20CFB** is a specific model of an industrial-grade **30.5 mm Push Button Assembly** from the **Eaton (Cutler-Hammer)** 10250T series. These components are designed for heavy-duty applications requiring high durability and reliability. --- ### ## Component Specifications Below are the technical details and physical characteristics of the 10250-R20CFB: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Eaton (formerly Cutler-Hammer) | | **Series** | 10250T Heavy-Duty | | **Type** | Non-Illuminated Push Button | | **Actuator Type** | Flush (Flat) | | **Color** | Black | | **Mounting Size** | 30.5 mm (Standard Industrial Hole) | | **Contact Configuration** | 2 NO (Normally Open) | | **Material** | Zinc Die-Cast (Chrome Plated Bezel) | | **Ingress Protection** | NEMA 3, 3R, 4, 4X, 12, 13 (Oil/Water Tight) | --- ### ### Key Electronic & Mechanical Parts The assembly is modular and consists of three primary sections: #### 1. The Operator (Actuator) The visible part on the outside of the control panel. * **Construction:** Heavy-duty die-cast metal housing with a chrome-plated bezel. * **Action:** Momentary (the button springs back after being pressed). * **Environment:** Includes a drainage system to prevent liquids from entering the contact area. #### 2. The Contact Blocks These are the electronic components that switch the circuit. * **Configuration:** This model specifically includes two **Normally Open (NO)** contact blocks. * **Ratings:** Typically rated for **10 Amps** continuous thermal current and up to 600V AC/DC. * **Reliability:** Features "nib" or "pointed" contacts that bite through surface oxidation to ensure a clean electrical connection in dusty environments. #### 3. Mounting Hardware * **Locking Nut:** A heavy-duty nut that secures the button to the panel. * **Gasket:** A neoprene gasket ensures a water-tight and oil-tight seal against the enclosure. --- ### ### Typical Applications Due to its rugged construction, the 10250-R20CFB is commonly used in: * CNC Machine control panels. * Manufacturing assembly lines. * Outdoor industrial equipment. * Environments exposed to cutting oils, water spray, or heavy dust.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NEMA 4 and NEMA 4X ratings for this button?
    • ⤷ Can the contact blocks be swapped for NC (Normally Closed) types?
    • ⤷ How do you wire the 2 NO contacts in a typical motor starter circuit?