Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 10280-R21CFB

  • AI
    The part number **10280-R21CFB** refers to a high-density, high-speed input/output (I/O) connector component, typically manufactured by **3M**. This specific series is part of the **Mini Delta Ribbon (MDR)** family. --- ### 1. Technical Specifications This component is a professional-grade interface used for high-bandwidth data transfer. Below are the primary specifications for this specific variant: | Feature | Specification | | :--- | :--- | | **Connector Type** | MDR (Mini Delta Ribbon) Plug / Receptacle | | **Contact Count** | 80 Pins | | **Mounting Style** | Board Mount (Right Angle) | | **Contact Plating** | Gold (typically 30μ" over Nickel) | | **Pitch** | 0.050" (1.27 mm) | | **Shielding** | Fully Shielded (Metal EMI/RFI protection) | | **Orientation** | Horizontal (R21 indicates Right Angle configuration) | --- ### 2. Physical Design & Features The "R21CFB" suffix provides specific details about the physical mounting and latching mechanism: * **Ribbon Contact System:** Uses a reliable ribbon-style contact instead of pins, which minimizes the risk of bending and ensures low insertion force. * **EMI/RFI Protection:** The metal shell provides superior grounding and shielding, which is critical for high-speed signal integrity. * **Board Locks:** Features specialized board-mount hardware (often screw-locks or friction fits) to ensure the connector remains stable under mechanical stress. * **Wiping Action:** The interface is designed for a "wiping" contact action upon mating, which helps clear surface oxidation. --- ### 3. Common Applications Due to its high pin density and reliability, the 10280 series is commonly found in the following environments: 1. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to sensors or motor drives. 2. **Machine Vision:** Used extensively in **Camera Link** standard interfaces for high-speed imaging. 3. **Telecommunications:** High-density backplane or I/O routing for networking equipment. 4. **Medical Instrumentation:** Data acquisition systems requiring multi-channel signal paths. --- ### 4. Schematic Representation In a PCB design environment (like Altium or Eagle), the footprint and schematic symbol would be represented as follows: ```markdown Symbol: J[x] (Connector) Pins: 1 through 80 + Ground/Shield pads Footprint: 3M_MDR_80_POS_RA_TH (Through-hole) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the MDR and SDR connector standards?
    • ⤷ How do I choose the correct mating cable for the 10280-R21CFB?
    • ⤷ What are the voltage and current ratings for these ribbon contacts?