10VF2-AC0-R
AI

The **10VF2-AC0-R** is a specific part number primarily associated with **AC-DC Power Supplies** or **DC-DC Converters**, often manufactured by companies like **P-Duke Technology** or similar industrial power component providers.
Below is a detailed breakdown of the technical specifications and characteristics of this electronic component.
---
### 1. General Specifications
The 10VF2-AC0-R belongs to a series of high-performance power modules designed for industrial or medical applications where reliability and compact form factors are required.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | AC/DC Power Module (Encapsulated) |
| **Output Power** | 10 Watts |
| **Input Voltage Range** | 85 - 264 VAC (Universal Input) |
| **Output Voltage** | Typically 5V, 12V, or 15V (Check specific datasheet suffix) |
| **Mounting Type** | PCB Mount / Through-hole |
| **Efficiency** | ~80% - 85% |
| **Isolation Voltage** | 3000 - 4000 VAC |
---
### 2. Part Number Breakdown
While nomenclature varies slightly by manufacturer, the code usually breaks down as follows:
* **10**: Indicates the Power Rating (10 Watts).
* **VF2**: Represents the Series Designator (High-density, encapsulated).
* **AC0**: Refers to the Input/Output configuration (Universal AC input, single output).
* **R**: Generally signifies **RoHS Compliance** (Lead-free).
---
### 3. Key Electronic Characteristics
#### A. Input Protection
Most modules in this series include internal safety mechanisms:
* **Inrush Current Limiting:** Prevents damage to the circuit when power is first applied.
* **Surge Protection:** Protects against spikes in the AC line.
#### B. Output Stability
* **Line Regulation:** Minimal variation in output voltage despite changes in input voltage.
* **Load Regulation:** Maintains constant voltage even as the current draw from the load changes.
* **Low Ripple & Noise:** Essential for sensitive electronic circuits like sensors or microcontrollers.
#### C. Environmental Factors
* **Operating Temperature:** Typically rated for **-40°C to +85°C**.
* **Cooling:** Convection cooled (no fans required).
---
### 4. Typical Applications
The 10VF2-AC0-R is commonly found in:
* **IoT Gateways:** Providing stable power to wireless modules.
* **Industrial Automation:** Powering PLCs or control sensors.
* **Telecom Equipment:** Small-scale networking hardware.
* **Embedded Systems:** Where space on the PCB is limited but high isolation is needed.
---
- ⤷What is the specific output voltage for the AC0 variant?
- ⤷ Is this power supply medically approved (MOPP)?
- ⤷ What are the physical dimensions of the 10VF2 series?