Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 10VF2-D60-R

  • AI
    The **10VF2-D60-R** is a specific model of an **EMI/RFI Power Line Filter**. These components are critical in electronic design for suppressing electromagnetic interference on AC power lines, ensuring that devices comply with emission standards and are protected from external noise. --- ### 1. Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the 10VF2-D60-R: | Feature | Specification | | :--- | :--- | | **Rated Current** | 10 Amperes | | **Rated Voltage** | 115/250 VAC | | **Operating Frequency** | 50/60 Hz | | **Mounting Type** | Flange Mount / Chassis Mount | | **Termination Style** | Wire Leads (usually denoted by the "D60" or "R" suffix) | | **Leakage Current** | Standard (High performance) | | **Filter Type** | Dual Stage (enhanced attenuation) | --- ### 2. Key Components & Construction The internal circuitry of this filter typically consists of a combination of passive electronic parts: * **Common Mode Choke (Inductor):** Filters out noise that is common to both the line and neutral wires relative to the ground. * **X-Capacitors:** Connected between the lines (L-N) to suppress "differential mode" noise. * **Y-Capacitors:** Connected between the line/neutral and the ground (L-G, N-G) to suppress "common mode" noise. * **Bleeder Resistor:** Safely discharges the capacitors when power is removed to prevent electrical shock. --- ### 3. Application Use Cases This specific part is often found in industrial and medical environments where "clean" power is mandatory: 1. **Switching Power Supplies (SMPS):** To prevent high-frequency switching noise from feeding back into the main power grid. 2. **Industrial Controllers:** Protecting sensitive PLCs and sensors from motor noise. 3. **Medical Equipment:** Ensuring low electromagnetic emissions to avoid interfering with diagnostic tools. 4. **Fitness Equipment:** Often used in treadmills to dampen motor controller interference. --- ### 4. Part Number Breakdown (General Pattern) * **10**: Indicates the **10 Amp** current rating. * **VF**: Designates the series (often indicating High Performance/Dual Stage). * **2**: Often refers to the specific circuit configuration or attenuation level. * **D60**: Usually refers to the lead length or physical dimensions (e.g., 60mm leads). * **R**: Indicates compliance with **RoHS** standards (lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the difference between single-stage and dual-stage EMI filters?
    • ⤷ How do I calculate the leakage current for this filter in a medical application?
    • ⤷ What are the physical dimensions and mounting hole spacing for the 10VF2 series?