14CEC-1602-R
AI

### Overview of the 14CEC-1602-R
The **14CEC-1602-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, primarily used for energy storage and filtering in DC-DC converters.
---
### Technical Specifications
Below is a breakdown of the typical technical parameters for this series of inductors:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 1.6 µH (approximate based on part number suffix) |
| **Tolerance** | ±20% |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Shielded (Wire-wound) |
| **Operating Temperature** | -40°C to +125°C |
| **Current Rating (I-sat)** | High Saturation Current |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### Key Features
* **Magnetic Shielding:** The "CEC" series usually features a shielded construction, which minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Low Profile:** Designed for compact electronic devices where vertical space is limited.
* **High Efficiency:** Features low DC Resistance (DCR) to minimize power loss and heat generation during operation.
* **RoHS Compliant:** The "-R" suffix confirms that the part meets environmental standards for lead-free production.
---
### Common Applications
This inductor is commonly found in the following electronic circuits:
1. **DC-DC Converters:** Used in Buck, Boost, and Buck-Boost regulators to smooth current flow.
2. **Portable Electronics:** Integrated into smartphones, tablets, and laptops due to its small footprint.
3. **Power Supplies:** Used in VRM (Voltage Regulator Modules) for CPUs and GPUs.
4. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines.
---
### Comparison with Similar Inductors
```yaml
Comparison_Factors:
- Part_Number: 14CEC-1602-R
Shielding: Yes
Primary_Use: Power Management
- Part_Number: Standard_Unshielded
Shielding: No
Primary_Use: General Purpose / Cost Sensitive
```
---
- ⤷
What is the exact saturation current (Isat) for the 14CEC-1602-R?
- ⤷ Can you provide the physical dimensions (footprint) for this inductor?
- ⤷ What are the recommended soldering profile temperatures for this component?