1663446
AI

Based on technical databases, the part number **1663446** typically refers to a **Contact Pin** or **Terminal**, most commonly associated with industrial connector systems like those from **TE Connectivity** or **Caterpillar** electrical systems.
### 1. Technical Overview
This part is a precision-engineered metal component designed to facilitate a secure electrical connection within a connector housing. It is a "Male" pin used in wire-to-wire or wire-to-board applications.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Part Type** | Pin / Terminal |
| **Material** | Copper Alloy or Brass |
| **Plating** | Tin or Gold (application dependent) |
| **Termination Method** | Crimp |
| **Wire Gauge Support** | Usually 16-20 AWG |
---
### 2. Key Characteristics
* **Crimp Termination:** The wire is mechanically squeezed into the tail of the pin using a crimping tool, creating a cold weld for maximum conductivity and physical strength.
* **Locking Mechanism:** These pins often feature small "locking lances" or tabs that click into place when inserted into a plastic connector plug, preventing them from backing out.
* **High Vibration Resistance:** Parts with this numbering scheme are frequently used in heavy machinery and automotive sectors, meaning they are designed to maintain contact even under extreme shaking.
---
### 3. Common Applications
Components labeled under this part family are generally found in:
1. **Heavy Equipment:** Wiring harnesses for engines, sensors, and control modules (often Caterpillar or Perkins).
2. **Automotive Systems:** Signal lighting and dashboard electronics.
3. **Industrial Automation:** Control panels where multi-pin circular or rectangular connectors are used.
---
### 4. Cross-Reference Table
If you are looking for this part, it is often grouped with the following complementary components:
| Component Type | Purpose |
| :--- | :--- |
| **1663447 (Socket)** | The female counterpart that the 1663446 pin plugs into. |
| **Connector Housing** | The plastic shell that holds multiple 1663446 pins. |
| **Extraction Tool** | A specialized metal tool used to remove the pin from the housing without damage. |
---
- ⤷
Is this part number associated with a specific brand like TE Connectivity or Caterpillar?
- ⤷ What is the recommended crimping tool for this specific terminal?
- ⤷ Are there gold-plated versions of this part for better corrosion resistance?