Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 1N5819-R

  • AI
    ## Overview of the 1N5819-R The **1N5819-R** is a high-speed **Schottky Barrier Rectifier** diode. It is widely used in electronics for circuits requiring low forward voltage drops and fast switching speeds. The "-R" suffix typically denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards or specific packaging (like Tape and Reel). --- ### Key Technical Specifications The following table summarizes the primary electrical characteristics of the 1N5819-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | Volts | | **Maximum Average Forward Current** | $I_{F(AV)}$ | 1.0 | Ampere | | **Maximum Forward Voltage Drop** (at 1A) | $V_F$ | 0.60 | Volts | | **Peak Forward Surge Current** (8.3ms) | $I_{FSM}$ | 25 | Amperes | | **Operating Junction Temperature** | $T_J$ | -65 to +125 | °C | | **Package Type** | - | DO-41 | Axial Lead | --- ### Core Characteristics 1. **Low Forward Voltage ($V_F$):** Unlike standard silicon diodes (e.g., 1N4001) which have a $V_F$ of ~0.7V to 1.1V, the 1N5819-R has a much lower drop (approx 0.6V at full load, often lower at partial load). This reduces power loss and heat. 2. **Fast Switching:** Because it is a Schottky diode, it has negligible reverse recovery time ($t_{rr}$). This makes it ideal for high-frequency applications. 3. **Guard Ring Construction:** Built with a guard ring for transient protection, enhancing long-term reliability against overvoltage. --- ### Common Applications * **Switching Power Supplies (SMPS):** Used as output rectifiers in high-frequency DC-DC converters. * **Freewheeling Diodes:** Protects circuits from inductive voltage spikes (back EMF) in motors and relays. * **Reverse Polarity Protection:** Protects battery-operated devices from damage if the battery is inserted backward, with minimal voltage loss. * **Clamping Circuits:** Used to limit voltage levels in signal processing. --- ### Comparison: 1N5819 vs. 1N4001 | Feature | 1N5819-R (Schottky) | 1N4001 (Standard) | | :--- | :--- | :--- | | **Switching Speed** | Extremely Fast | Slow | | **Voltage Drop** | Low (~0.6V) | High (~1.1V) | | **Max Reverse Voltage** | 40V | 50V | | **Best For** | High Frequency / Efficiency | Low Frequency / General Purpose |
    ✨ Follow-up Questions
    • ⤷ How does the forward voltage drop of the 1N5819-R change with temperature?
    • ⤷ What are the surface-mount (SMD) equivalents for the 1N5819-R?
    • ⤷ Can I use a 1N5819-R in a 110V AC rectification circuit?