Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 2-SIP

  • AI
    ## Understanding the 2-SIP Package In electronic components, **SIP** stands for **Single In-line Package**. The number prefix (e.g., **2-SIP**) typically indicates the number of pins or leads the package possesses. A **2-SIP** device is a component with two leads arranged in a single row, designed for through-hole mounting on a Printed Circuit Board (PCB). --- ### 1. Key Characteristics | Feature | Description | | :--- | :--- | | **Lead Arrangement** | All pins are aligned in one straight line. | | **Mounting Type** | Through-hole (leads pass through holes in the PCB). | | **Pin Count** | 2 Pins. | | **Space Efficiency** | High; it takes up less horizontal board space compared to radial or axial layouts. | --- ### 2. Common Components in 2-SIP Packaging While many 2-pin components are referred to by their specific names (like "axial resistors"), certain specialized parts are explicitly categorized as 2-SIP: * **Tantalum Capacitors:** Some high-density tantalum capacitors use a 2-SIP rectangular molded form. * **Reed Switches/Sensors:** Magnetic proximity sensors often come in a 2-SIP housing for vertical mounting. * **LEDs:** While usually called "T-1" or "T-1 3/4", specialized LED arrays or high-intensity lamps can be classified as 2-SIP. * **Resistor Networks:** Occasionally, a single-resistor SIP is used to match the height and footprint of larger 4-SIP or 8-SIP networks on a board. * **Thermistors/Varistors:** Specialized thermal or voltage protection components. --- ### 3. Advantages and Disadvantages #### Advantages * **Vertical Profile:** Allows for dense packing of components as they stand upright. * **Standardized Spacing:** Usually follows standard 2.54mm (0.1 inch) pitch, making them compatible with breadboards and standard prototyping grids. * **Ease of Inspection:** Solder joints are easily visible on the bottom of the board. #### Disadvantages * **Stability:** Because they are tall and thin with only two points of contact, they can be physically unstable and prone to bending or breaking if hit. * **Height Restrictions:** Not suitable for low-profile electronic enclosures (like slim smartphones or tablets). --- ### 4. Technical Comparison Typical differences between 2-SIP and other common 2-lead packages: ```text Component Style | Orientation | Lead Direction -------------------|-------------|------------------- 2-SIP | Vertical | Same side (Downward) Axial | Horizontal | Opposite sides Radial | Vertical | Same side (Narrower) ```
    ✨ Follow-up Questions
    • What is the standard pin pitch for SIP packages?
    • How does a 2-SIP differ from a standard radial capacitor?
    • Can 2-SIP components be used in Surface Mount Technology (SMT)?