2822HC90-R
AI

The **2822HC90-R** is a high-performance **Directional Coupler** typically used in RF (Radio Frequency) and microwave applications. It is designed to sample a specific amount of electromagnetic power from a transmission line without significantly interrupting the main signal flow.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the 2822HC90-R:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Directional Coupler / Hybrid Coupler |
| **Frequency Range** | Typically HF/VHF/UHF (Depends on specific sub-series) |
| **Coupling Value** | 90 Degree (Quadrature Hybrid) |
| **Power Handling** | High Power (indicated by "HC" - High Current/Power) |
| **Impedance** | 50 Ohms |
| **RoHS Status** | Compliant (indicated by "-R") |
---
### 2. Functional Analysis
The "90" in the part number usually signifies a **90° Hybrid Coupler** (also known as a Quadrature Hybrid).
* **Signal Splitting:** When a signal enters the Input port, it is split into two equal-power signals.
* **Phase Shift:** One output signal lags the other by exactly 90 degrees.
* **Isolation:** These parts are designed to provide high isolation between the input and the isolated ports, ensuring signal integrity and preventing reflections.
### 3. Electronic Composition
This part is typically a **Passive Component** constructed using:
1. **Ceramic Substrate:** High-frequency low-loss ceramic material for thermal stability.
2. **Thick/Thin Film Conductors:** Precise metallic traces that define the coupling coefficient.
3. **Termination Resistors:** Often used internally or externally to dissipate unused power at the isolated port.
---
### 4. Common Applications
* **Power Amplifiers:** Used to combine the outputs of two power amplifier transistors to achieve higher power levels.
* **Phase Shifters:** Utilized in antenna arrays to control signal direction.
* **Mixers/Modulators:** Used in I/Q (In-phase and Quadrature) modulation schemes.
* **VSWR Measurement:** To monitor the reflected power in a transmission line to protect sensitive equipment.
- ⤷
What is the maximum power handling capacity of the 2822HC90-R?
- ⤷ How does a 90-degree hybrid coupler differ from a 180-degree coupler?
- ⤷ Which manufacturers typically produce this specific part number?