288MDCL450KTN
AI

The part number **288MDCL450KTN** refers to a high-performance **Aluminum Electrolytic Capacitor**, specifically a "Motor Start" or "Motor Run" type typically designed by manufacturers like *United Chemi-Con (UCC)* or similar industrial component brands.
Below is a detailed breakdown of the technical specifications and characteristics of this component.
---
### 1. Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 28.8 µF (Nominal) | The amount of charge the capacitor can store. |
| **Voltage Rating** | 450 VAC | Maximum Alternating Current voltage it can handle. |
| **Tolerance** | ±10% (K) | The "K" in the part number signifies a 10% tolerance range. |
| **Series** | MDCL | Industrial grade, often used in motor applications. |
| **Termination** | T / N | Refers to terminal type (often quick-connect lugs). |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a standard manufacturer coding logic:
* **288**: Represents the capacitance value (28.8 Microfarads).
* **MDCL**: The series designation (High-voltage AC application series).
* **450**: The Rated Voltage (450 Volts AC).
* **K**: Tolerance code (K = ±10%).
* **TN**: Packaging or Terminal configuration code.
---
### 3. Key Applications
This specific capacitor is built for heavy-duty electrical environments. Common use cases include:
* **Motor Start/Run:** Providing the necessary phase shift to start or maintain the rotation of single-phase induction motors.
* **HVAC Systems:** Used in air conditioning compressors and fan motors.
* **Industrial Pumps:** Ensuring stable torque in water or chemical pumps.
* **Power Factor Correction:** Improving the electrical efficiency of small-scale industrial machinery.
---
### 4. Safety and Installation
Because this is a high-voltage AC capacitor, several safety factors must be considered:
1. **Discharge:** Capacitors can hold a lethal charge even after power is disconnected. Always discharge before handling.
2. **Mounting:** Ensure the casing is properly secured to withstand the vibrations of a motor.
3. **Polarity:** As an AC capacitor (Motor Run/Start), it is generally **non-polarized**, meaning it can be connected in either direction within an AC circuit.
- ⤷
What is the difference between a Motor Start and a Motor Run capacitor?
- ⤷ How do I test if this capacitor is still functioning correctly?
- ⤷ Can I substitute a 450V capacitor with a 500V capacitor of the same capacitance?