Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 2CTD-R

  • AI
    The **2CTD-R** is a specific electronic component typically identified as a **Bi-Directional Transient Voltage Suppressor (TVS) Diode Array** or a specialized **Thyristor Surge Protector**. These are primarily used in telecommunications and high-speed data line protection. --- ### 1. Technical Specifications The "2CTD-R" series is designed to protect sensitive integrated circuits from overvoltage transients caused by electrostatic discharge (ESD), lightning, or electrical fast transients (EFT). | Feature | Description | | :--- | :--- | | **Component Type** | TVS Diode / Surge Protection Device (SPD) | | **Polarity** | Bi-directional (protects against positive and negative spikes) | | **Package Type** | Typically SMB, SMC, or specialized SMD packages | | **Primary Function** | Voltage Clamping | | **Response Time** | Nanoseconds ($< 1ns$) | --- ### 2. How it Works (Electronic Principles) The 2CTD-R operates on the principle of **Avalanche Breakdown** or **Thyristor Switching**: 1. **High Impedance State:** Under normal operating voltages, the device remains in a high-impedance (non-conductive) state, allowing data signals to pass through unaffected. 2. **Triggering:** When a voltage spike exceeds the "Breakover Voltage" ($V_{BO}$), the device triggers and becomes highly conductive. 3. **Clamping:** It shunts the excess current to the ground, clamping the voltage to a safe level for the protected circuit. 4. **Reset:** Once the transient pulse passes and the current drops below a holding threshold, the device automatically resets to its high-impedance state. --- ### 3. Typical Applications These parts are commonly found in circuits where long cables are exposed to external environments: * **Telecommunications:** Protection for SLIC (Subscriber Line Interface Circuits) and ADSL/VDSL lines. * **Industrial Controls:** RS-485 and RS-232 communication ports. * **Power Supplies:** Secondary side protection against switching surges. * **Networking:** Protection for Ethernet ports and routers. --- ### 4. Circuit Diagram Representation In a schematic, a 2CTD-R is usually represented by two Zener diodes connected back-to-back or a specific symbol for a TVS/Thyristor protector. ```text Line In ────────┬──────── Line Out │ [ 2CTD-R ] (Shunts surge to ground) │ Ground ────────┴──────── Ground ``` --- ### 5. Selection Criteria When replacing or designing with a 2CTD-R, engineers look at these key parameters: * **$V_{RWM}$ (Reverse Stand-off Voltage):** The maximum voltage the device can handle without triggering. * **$V_{BR}$ (Breakdown Voltage):** The point where the device starts to conduct. * **$I_{PP}$ (Peak Pulse Current):** The maximum surge current the device can survive. * **$C_j$ (Junction Capacitance):** Important for high-speed data; lower capacitance prevents signal distortion.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2CTD-R and a standard Zener diode?
    • ⤷ How do I test a 2CTD-R using a digital multimeter?
    • ⤷ Can this component be used for AC power line protection?