2CW032180JL-R
AI

The part number **2CW032180JL-R** refers to a high-power, thick film chip resistor, typically manufactured by **ASJ (ASJ Holdings)** or similar specialty resistor manufacturers.
These components are designed for high-reliability applications where high power dissipation is required in a relatively small surface-mount package.
---
### 1. Part Number Breakdown
While specific manufacturer codes may vary slightly, here is the standard decoding for this series:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | 2CW | High Power / Wide Terminal Thick Film Resistor |
| **Size** | 0321 | Imperial 1206 size (or metric 3216 equivalent) |
| **Resistance** | 80J | 80 Ohms (J = 5% Tolerance) |
| **Packaging** | L-R | Taping & Reel (Lead-Free / RoHS compliant) |
---
### 2. Key Technical Specifications
Below are the estimated technical parameters for this specific component:
| Feature | Value / Range |
| :--- | :--- |
| **Resistance Value** | 80 $\Omega$ |
| **Tolerance** | $\pm 5\%$ |
| **Power Rating** | 1 Watt (Enhanced power handling due to "2CW" design) |
| **Temperature Coefficient** | $\pm 100$ ppm/°C to $\pm 200$ ppm/°C |
| **Operating Temp** | -55°C to +155°C |
| **Technology** | Thick Film on Alumina Substrate |
---
### 3. Key Electronic Characteristics
* **High Power Dissipation:** Unlike standard 1206 resistors (which are typically rated for 0.25W), the "2CW" series utilizes a "Wide Terminal" or enhanced thermal management design to reach 1W or higher.
* **Thermal Management:** The large terminal area allows heat to transfer more efficiently from the resistive element to the PCB copper traces.
* **Sulfuration Resistance:** Many parts in this series are designed to resist silver sulfuration, making them suitable for harsh industrial environments.
### 4. Common Applications
Due to its high power-to-size ratio, the **2CW032180JL-R** is frequently used in:
1. **LED Lighting Drivers:** Acting as a current limiter.
2. **Power Supplies:** Used in DC-DC converters and voltage regulation circuits.
3. **Automotive Electronics:** Engine control units and infotainment systems where space is limited but power needs are high.
4. **Battery Management Systems (BMS):** For cell balancing and current sensing.
---
- ⤷
What is the physical dimension difference between a standard 1206 and a wide-terminal 1206 resistor?
- ⤷ Can this resistor be used in pulse-loading applications?
- ⤷ Are there specific soldering profile requirements for wide-terminal resistors?