2SA1013L-P-AB3-R
AI

The **2SA1013L-P-AB3-R** is a specific part number for a high-voltage PNP epitaxial silicon transistor. This component is widely used in power switching and color TV vertical deflection output circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Prefix/Suffix | Meaning |
| :--- | :--- |
| **2SA1013** | The base model number (PNP High Voltage Transistor). |
| **L** | Indicates Lead-Free / RoHS compliant. |
| **P** | Rank/Gain classification (hFE range, typically 160–320). |
| **AB3** | Package code (typically refers to the **SOT-89** surface mount package). |
| **R** | Packing style (Tape & Reel). |
---
### 2. Key Technical Specifications
Below are the absolute maximum ratings and electrical characteristics typically found in the datasheet:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | -160 V |
| Collector-Emitter Voltage | $V_{CEO}$ | -160 V |
| Emitter-Base Voltage | $V_{EBO}$ | -6 V |
| Collector Current (DC) | $I_C$ | -1 A |
| Collector Current (Pulse) | $I_{CP}$ | -2 A |
| Collector Power Dissipation | $P_C$ | 500 mW (SOT-89 package) |
| Transition Frequency | $f_T$ | 15 MHz (typical) |
---
### 3. Pin Configuration (SOT-89)
Since this part uses the **AB3 (SOT-89)** package, the pinout is generally as follows when looking at the front (marked side) with leads pointing down:
1. **Base (B)**: Control terminal.
2. **Collector (C)**: Connected to the large cooling tab (output).
3. **Emitter (E)**: Reference terminal.
---
### 4. Applications
The 2SA1013 series is designed for high-voltage environments where standard general-purpose transistors (like the BC557) would fail. Common uses include:
* **Vertical Deflection Output**: Used in CRT monitors and televisions.
* **Power Switching**: Driving loads in industrial control circuits.
* **Audio Amplifiers**: High-voltage driver stages in power amplifiers.
* **DC-DC Converters**: Handling voltage regulation tasks.
---
### 5. Complementary NPN Part
For push-pull circuits or balanced amplifier stages, this PNP transistor is often paired with its NPN counterpart:
* **Complementary Pair**: **2SC2383**
---
- ⤷
What are the differences between the 2SA1013 and the 2SA1015?
- ⤷ Can you provide the footprint dimensions for the SOT-89 package?
- ⤷ How does the 'P' gain classification affect circuit performance?