2SA1576A-R
AI

## Overview of the 2SA1576A-R
The **2SA1576A-R** is a high-frequency, general-purpose **PNP Epitaxial Planar Silicon Transistor**. It is primarily designed for small-signal amplification and switching applications. The "R" suffix typically denotes the **hFE (DC Current Gain)** classification rank.
---
### 1. Key Technical Specifications
The following table outlines the absolute maximum ratings and electrical characteristics at $T_a = 25^\circ C$:
| Parameter | Symbol | Rating / Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | -60 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -50 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -6 | V |
| **Collector Current** | $I_C$ | -150 | mA |
| **Power Dissipation** | $P_D$ | 200 | mW |
| **Junction Temperature** | $T_j$ | 150 | °C |
| **DC Current Gain (hFE)** | $h_{FE}$ | 180 to 390 (Rank R) | - |
---
### 2. Physical and Packaging Features
* **Package Type:** Usually comes in the **SOT-23** (or SC-59/EMT3 depending on the manufacturer, like ROHM) surface-mount package.
* **Small Footprint:** Designed for high-density mounting on PCBs.
* **Complementary Part:** The NPN counterpart for this transistor is the **2SC4081**.
---
### 3. Pin Configuration
The SOT-23 package typically follows this standard pinout:
1. **Base (B):** Controls the flow of current between Emitter and Collector.
2. **Emitter (E):** The source of charge carriers (for PNP, holes).
3. **Collector (C):** The terminal through which the current leaves the transistor.
---
### 4. Typical Applications
* **Small Signal Amplification:** Used in audio pre-amps or sensor signal conditioning.
* **Switching:** Suitable for driving small loads like LEDs or acting as a logic gate interface.
* **High Frequency:** Due to its low collector capacitance ($C_{ob}$), it performs well in high-frequency oscillation and amplification circuits.
---
### 5. Gain (hFE) Classifications
The 2SA1576A is often categorized by its current gain into three specific ranks:
* **Q:** 120 – 270
* **R:** 180 – 390 (This specific part)
* **S:** 270 – 560
- ⤷
What are the differences between the 2SA1576A and its NPN complement
- ⤷ the 2SC4081?
- ⤷ Can this transistor be used in high-speed switching circuits?
- ⤷ What are the recommended soldering conditions for the SOT-23 package?