Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 2SB1205-R

  • AI
    The **2SB1205-R** is a high-current, low-saturation voltage PNP epitaxial planar silicon transistor. It is widely used in power management and switching applications due to its high efficiency and compact form factor. --- ## 1. Key Specifications The 2SB1205-R is designed for high-speed switching and power amplification. Below are its primary electrical characteristics: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-to-Base Voltage | $V_{CBO}$ | -60 | V | | Collector-to-Emitter Voltage | $V_{CEO}$ | -50 | V | | Emitter-to-Base Voltage | $V_{EBO}$ | -6 | V | | Collector Current (DC) | $I_C$ | -5 | A | | Collector Current (Pulse) | $I_{CP}$ | -8 | A | | Collector Dissipation ($T_c=25^\circ C$) | $P_C$ | 15 | W | | DC Current Gain (hFE) | $h_{FE}$ | 100 to 200 | (R Rank) | --- ## 2. Features and Benefits * **Low Saturation Voltage:** It features a very low collector-to-emitter saturation voltage ($V_{CE(sat)}$), which minimizes power loss during high-current operation. * **High Current Capacity:** Despite its relatively small package (TP/TP-FA), it can handle a continuous current of up to -5A. * **High-Speed Switching:** It has a high gain-bandwidth product ($f_T$) of approximately 120 MHz, making it suitable for fast switching circuits. * **Complementary Pair:** The NPN complement to this transistor is the **2SD1804**. --- ## 3. Package and Pinout The 2SB1205-R is typically found in **TP** (through-hole) or **TP-FA** (surface mount) packages, which are equivalent to the DPAK (TO-252) standards. ### Pin Configuration: 1. **Base (B):** The control terminal. 2. **Collector (C):** The output terminal (often connected to the metal tab for heat dissipation). 3. **Emitter (E):** The common terminal. --- ## 4. Common Applications Due to its robust current handling and low loss, it is commonly found in: * **Voltage Regulators:** Used in linear and switching power supplies. * **Relay Drivers:** Driving high-current solenoids or relays from low-power logic. * **Motor Control:** Small DC motor speed and direction control. * **Converter Circuits:** DC-to-DC converters and inverters. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the R
    • ⤷ S
    • ⤷ and T gain ranks for this transistor?
    • ⤷ Can you provide a basic circuit diagram for using the 2SB1205-R as a high-side switch?
    • ⤷ What is the maximum operating junction temperature for this component?