2SC5658-R_13
AI

## Technical Overview: 2SC5658-R_13
The **2SC5658-R_13** is a small-signal, NPN epitaxial planar silicon transistor. It is widely used in high-frequency amplification and general-purpose switching applications due to its compact size and high reliability.
---
### 1. Key Specifications
The following table outlines the absolute maximum ratings and primary electrical characteristics (at $T_a = 25^\circ C$):
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 50 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 50 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 7 | V |
| **Collector Current** | $I_C$ | 150 | mA |
| **Power Dissipation** | $P_d$ | 150 | mW |
| **Transition Frequency** | $f_T$ | 180 | MHz |
| **DC Current Gain** | $h_{FE}$ | 180 to 390 (R Rank) | - |
---
### 2. Functional Description
* **Polarity:** NPN (Negative-Positive-Negative). It requires a positive voltage at the base relative to the emitter to "turn on."
* **Gain Classification:** The suffix **"R"** denotes the DC current gain ($h_{FE}$) range, which typically falls between **180 and 390**.
* **Packaging:** Usually comes in the **EMT3 (SOT-416)** package, which is an ultra-small surface-mount device (SMD). This makes it ideal for space-constrained PCB designs.
---
### 3. Application Areas
The 2SC5658 is versatile and can be found in various electronic circuits:
1. **High-Frequency Amplification:** Used in radio frequency (RF) stages or intermediate frequency (IF) circuits.
2. **Switching:** Acts as a small switch for controlling low-power LEDs, relays, or logic level shifting.
3. **Signal Buffering:** Used in audio and sensor circuits to prevent signal degradation.
---
### 4. Comparison with Equivalents
If you are looking for alternatives, these transistors share similar characteristics but may differ in package size:
| Part Number | Package | Comparison |
| :--- | :--- | :--- |
| **2SC4081** | SOT-23 | Larger package, similar electricals |
| **2SC4617** | SC-70 | Medium package, high reliability |
| **BC847** | SOT-23 | General purpose European equivalent |
---
### 5. Typical Circuit Connection
Below is a simple representation of the pinout for the EMT3 package:
```text
[ 3 ] <-- Collector
/ \
[ 1 ]-------[ 2 ]
^ ^
Base Emitter
```
- ⤷
What is the significance of the '_13' suffix in the part number?
- ⤷ Can this transistor be used in high-power switching applications?
- ⤷ What are the specific thermal considerations for the EMT3 package?