2SD1624-R
AI

## 2SD1624-R: High-Current NPN Epitaxial Planar Silicon Transistor
The **2SD1624-R** is an NPN power transistor primarily used for high-current switching and power amplification. It is designed to handle significant current in a compact surface-mount package.
---
### 1. General Specifications
The "R" suffix typically refers to the **DC Current Gain ($h_{FE}$)** classification, indicating a specific range of gain performance.
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-to-Base Voltage** | $V_{CBO}$ | 60 | V |
| **Collector-to-Emitter Voltage** | $V_{CEO}$ | 50 | V |
| **Emitter-to-Base Voltage** | $V_{EBO}$ | 6 | V |
| **Collector Current (DC)** | $I_C$ | 3 | A |
| **Collector Current (Pulse)** | $I_{CP}$ | 6 | A |
| **Total Power Dissipation** | $P_C$ | 500 (1.3 on PCB) | mW/W |
| **Junction Temperature** | $T_j$ | 150 | °C |
---
### 2. Key Features
* **High Current Capacity:** Despite its small size, it can handle up to 3A of continuous current.
* **Low Saturation Voltage:** It features a very low collector-to-emitter saturation voltage ($V_{CE(sat)}$), typically around 0.22V at 2A. This results in lower power loss and heat generation during switching.
* **High Speed:** Fast switching times make it suitable for high-frequency applications.
* **Package Type:** Usually found in the **SOT-89** package, which is suitable for surface-mount technology (SMT) and offers decent thermal management.
---
### 3. $h_{FE}$ (Current Gain) Classification
The "R" rank defines the following range:
* **Rank R:** 100 to 200
* **Rank S:** 140 to 280
* **Rank T:** 200 to 400
---
### 4. Typical Applications
The 2SD1624-R is versatile and commonly found in the following circuits:
1. **Voltage Regulators:** Used as a pass transistor in power supply circuits.
2. **Relay/Solenoid Drivers:** Efficiently switches inductive loads due to its high current handling.
3. **DC-DC Converters:** Acts as a high-speed switch for power conversion.
4. **Audio Power Amplification:** Used in the output stages of small audio devices.
---
### 5. Equivalent/Complementary Parts
* **Complementary PNP:** The **2SB1124** is the PNP counterpart to the 2SD1624.
* **Possible Substitutes:** 2SD1623, MJD31C (DPAK), or BD139 (Through-hole, for prototyping).
- ⤷What is the thermal resistance of the SOT-89 package for the 2SD1624-R?
- ⤷ How does the VCE(sat) vary with collector current in this transistor?
- ⤷ Can you provide a basic circuit diagram for using the 2SD1624-R as a switch?