Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 2SD965AL-R-AB3-B

  • AI
    The **2SD965AL-R-AB3-B** is a high-current, low-voltage NPN epitaxial silicon transistor commonly used in power switching applications. It is designed specifically for high-efficiency circuits like camera flashes and portable motor drives. --- ### 1. Key Technical Specifications The following table highlights the absolute maximum ratings and electrical characteristics for this specific part: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 40 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 20 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 7 | V | | **Collector Current (DC)** | $I_C$ | 5 | A | | **Collector Current (Pulse)** | $I_{CP}$ | 8 | A | | **Collector Dissipation** | $P_C$ | 0.75 | W | | **DC Current Gain** | $h_{FE}$ | 230 - 600 | (R Class) | --- ### 2. Part Number Breakdown Understanding the suffix codes helps identify the specific packaging and performance binning: * **2SD965**: The base model number (NPN Low Voltage High Current Transistor). * **AL**: Often denotes a Lead-free/Halogen-free version or a specific manufacturing line. * **R**: This is the **hFE (Gain) Rank**. The "R" rank typically signifies a gain range between **230 and 600**. * **AB3**: Refers to the **SOT-89 package** style. * **B**: Usually indicates the packaging type (e.g., Bulk or Bag). --- ### 3. Features and Applications #### Features * **Low Saturation Voltage**: $V_{CE(sat)}$ is typically low (around 0.75V at 3A), which reduces power loss and heat. * **High Surge Current**: Capable of handling up to 8A in short pulses, making it ideal for capacitive loads. * **Large Current Capacity**: Despite its small footprint, it manages high DC current. #### Common Applications 1. **Strobe/Flash Units**: Used in digital cameras to trigger the high-voltage flash circuit. 2. **DC-DC Converters**: Acts as a high-speed switch in voltage regulation. 3. **Motor Drivers**: Suitable for small DC motors in toys or handheld devices. 4. **Audio Amplification**: Occasionally used in the output stages of low-power portable audio gear. --- ### 4. Physical Package (SOT-89) The **AB3** suffix indicates the **SOT-89** surface-mount package. It has three terminals: 1. **Base** (Pin 1) 2. **Collector** (Pin 2 / Large Tab) 3. **Emitter** (Pin 3) ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the 2SD965?
    • ⤷ How does the SOT-89 package compare to the TO-92 version in terms of heat dissipation?
    • ⤷ What is the specific saturation voltage at different collector currents for this transistor?