31-9-RFX
AI

The **31-9-RFX** is a specific model of a **BNC Bulkhead Jack Receptacle** manufactured by Amphenol RF. It is a radio frequency (RF) connector designed for panel mounting, providing a secure interface between internal wiring and external BNC cables.
---
### 1. Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the 31-9-RFX:
| Property | Specification |
| :--- | :--- |
| **Connector Type** | BNC Female (Jack) |
| **Body Style** | Straight Bulkhead |
| **Impedance** | 50 Ohm |
| **Frequency (Max)** | 4 GHz |
| **Termination Style** | Solder Cup |
| **Mounting Type** | Front Mount (with Nut and Washer) |
| **Voltage Rating** | 500V Peak |
| **Dielectric Type** | Delrin / PTFE |
---
### 2. Key Components and Materials
The 31-9-RFX is built using materials optimized for conductivity and durability in RF environments:
* **Body Material:** Brass with Nickel plating for corrosion resistance and durability.
* **Contact Material:** Phosphor Bronze or Brass, typically finished with Gold plating to ensure low contact resistance and prevent oxidation.
* **Insulator:** High-quality plastic (often Delrin), which maintains the 50-ohm impedance and provides electrical isolation between the center pin and the outer shell.
* **Hardware:** Includes a hex nut and a lock washer to secure the connector to a chassis or panel.
---
### 3. Common Applications
Because of its "Bulkhead" design, this part is used to pass a signal through a physical barrier (like a metal wall). Common use cases include:
1. **Test Equipment:** Oscilloscopes, signal generators, and spectrum analyzers.
2. **Antenna Connections:** Passing an RF signal from inside a shielded enclosure to an external antenna.
3. **Industrial Controls:** Used in rack-mounted systems where external BNC patching is required.
4. **Video/Broadcast:** Standard 50-ohm video signal routing (though 75-ohm is more common for high-end digital video, 50-ohm is standard for many legacy and RF systems).
---
### 4. Installation Overview
The **31-9-RFX** features a "Solder Cup" termination. This means:
* The center conductor of your internal wire is soldered into a small cup on the back of the connector.
* The outer shield (ground) is typically soldered to a ground lug or clamped to the chassis via the bulkhead mounting process.
- ⤷
What is the difference between the 50-ohm 31-9-RFX and a 75-ohm BNC connector?
- ⤷ How do I calculate the panel cutout dimensions for this specific connector?
- ⤷ What are the environmental sealing ratings for the 31-9-RFX?