Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 3N65L-TM3-R

  • AI
    The **3N65L-TM3-R** is a high-voltage N-channel enhancement mode Power MOSFET manufactured by **UTC (Unisonic Technologies)**. It is primarily used for power switching applications where efficiency and high-voltage handling are required. --- ## 1. Technical Specifications Below are the key electrical characteristics typically found in the datasheet for the 3N65 series: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 650 V | | **Continuous Drain Current** | $I_D$ | 3.0 A | | **Pulsed Drain Current** | $I_{DM}$ | 12 A | | **Gate-Source Voltage** | $V_{GSS}$ | ±30 V | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 3.4 $\Omega$ (Max @ $V_{GS}=10V$) | | **Total Gate Charge** | $Q_g$ | 11.5 nC | --- ## 2. Part Number Breakdown The suffixing on UTC components provides specific details about the packaging and material: * **3**: Represents the current rating (approx. 3 Amps). * **N65**: Represents the voltage rating (650V). * **L**: Stands for **Lead-free** (Halogen-free/RoHS compliant). * **TM3**: Refers to the **TO-251 (IPAK)** package type. * **R**: Indicates **Tape and Reel** (or sometimes specific internal packing codes). --- ## 3. Key Features * **Low Gate Charge:** Allows for faster switching speeds and lower driving power requirements. * **Low $R_{DS(ON)}$:** Reduces power dissipation during the "ON" state, improving overall system efficiency. * **High Switching Speed:** Optimized for high-frequency power converters. * **Robustness:** Designed to withstand high energy pulses in the avalanche and commutation modes. --- ## 4. Typical Applications The 3N65L is commonly found in the following electronic circuits: 1. **Switch Mode Power Supplies (SMPS):** Used as the primary switch in AC-DC adapters. 2. **LED Drivers:** Used in constant current circuits for lighting. 3. **DC-DC Converters:** High-voltage step-down or step-up modules. 4. **Electronic Ballasts:** Used in fluorescent or HID lighting control. --- ## 5. Equivalent/Alternative Parts If this specific part is unavailable, engineers often look for N-channel MOSFETs with 650V / 3A ratings in a TO-251 or TO-252 package: * **FDP3N60NZ** (Fairchild/onsemi) * **STD3NK60Z** (STMicroelectronics) * **IRFU3N60** (Infineon/IR)
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the 3N65L in a TO-251 package?
    • ⤷ How does the gate threshold voltage (VGSth) affect its performance in MCU-controlled circuits?
    • ⤷ What is the difference between the TM3 (TO-251) and TN3 (TO-252) versions of this MOSFET?