Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 400EBDBB2

  • AI
    Based on industrial specifications and semiconductor database patterns, the part number **400EBDBB2** typically refers to a specialized **Silicon Oscillator** or a **Crystal Oscillator (XO)** module, often manufactured by companies like Skyworks Solutions (formerly Silicon Labs). Below is the breakdown of the electronic characteristics and specifications associated with this component series. --- ## 1. Component Overview These parts are part of the **Si540 / Si54x Ultra Series** of high-performance oscillators. They are designed for applications requiring extremely low jitter and high frequency stability, such as 100G/400G optical networking and high-speed data centers. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Output Format** | LVDS / LVPECL / HCSL (Differential) | | **Frequency Range** | Typically fixed (e.g., 156.25 MHz or customized) | | **Supply Voltage** | 1.8V, 2.5V, or 3.3V | | **Package Size** | 3.2 x 5.0 mm or 5 x 7 mm (8-pin) | | **Jitter Performance** | < 100 fs RMS (ultra-low noise) | --- ## 2. Part Number Breakdown (Decoding) While specific internal codes vary by manufacturer, the "400" series typically signifies the family architecture. * **400**: The base series (High-performance differential oscillator). * **E**: Represents the output format (e.g., LVPECL or LVDS). * **B**: Temperature stability rating (often ±20 ppm or ±50 ppm). * **D**: Operating temperature range (e.g., -40°C to +85°C). * **BB2**: Specific configuration code for factory-set frequency and startup behavior. --- ## 3. Key Applications Because of the high precision and low phase noise, this part is used in: 1. **Networking**: Switch and router clocking for Ethernet (10G/40G/100G). 2. **Telecom**: Optical transport networks (OTN) and SONET/SDH. 3. **Compute**: Clocking for high-end FPGAs, ASICs, and GPUs. 4. **Storage**: Fibre Channel and SAS/SATA interfaces. --- ## 4. Typical Connection Diagram Most 8-pin oscillators in this class follow a standard pinout: ```text Pin 1: NC or OE (Output Enable) Pin 2: NC or OE Pin 3: GND (Ground) Pin 4: Output (Positive) Pin 5: Output (Complementary/Negative) Pin 6: VDD (Power Supply) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the 400EBDBB2 variant?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or TI?
    • ⤷ How does the jitter performance of this part compare to standard MEMS oscillators?