407MDCL450KFG
AI

The part number **407MDCL450KFG** refers to a high-performance **Aluminum Electrolytic Capacitor**, specifically designed for power electronics applications. It is manufactured by **Illinois Capacitor** (a brand under Cornell Dubilier - CDE).
### 1. Technical Specifications
The table below summarizes the core electrical and physical characteristics:
| Characteristic | Specification |
| :--- | :--- |
| **Capacitance** | 400 µF (Microfarads) |
| **Tolerance** | ±10% |
| **Voltage Rating (WVDC)** | 450 VDC |
| **Mounting Type** | Chassis Mount / Screw Terminal |
| **Technology** | Aluminum Electrolytic |
| **Operating Temperature** | -40°C to +85°C |
| **Termination** | Screw Terminals (Metal Stud/Bolt) |
---
### 2. Detailed Breakdown of Part Attributes
#### A. Capacitance and Voltage
With a rating of **400 µF** and **450V**, this capacitor is built to store a significant amount of energy. The 450V rating makes it suitable for applications involving rectified AC line voltages (typically 230V mains rectified to ~325V-400V DC).
#### B. The "MDCL" Series
The MDCL series is known for:
* **High Ripple Current:** Ability to handle significant AC current superimposed on the DC voltage without overheating.
* **Long Life:** Designed for high reliability in industrial environments.
* **Metal Case:** The "FG" suffix often denotes the physical package size and lead/terminal configuration (Flat bottom or Stud mount).
#### C. Physical Construction
* **Form Factor:** Cylindrical "Can" type.
* **Terminals:** It uses heavy-duty screw terminals to ensure a secure, low-resistance connection, which is vital for high-current power paths.
---
### 3. Common Applications
Due to its high voltage and energy density, the 407MDCL450KFG is typically used in:
1. **Variable Frequency Drives (VFDs):** Acting as a DC link capacitor to smooth the rectified DC voltage.
2. **Uninterruptible Power Supplies (UPS):** Energy storage for emergency power conversion.
3. **Solar Inverters:** Filtering and stabilizing the DC output from solar panels before inversion to AC.
4. **Welding Equipment:** Handling the high-energy pulse requirements of industrial welders.
---
### 4. Safety and Maintenance
* **Polarity:** This is a polarized component. Connecting it with reversed polarity will lead to catastrophic failure (venting or explosion).
* **Discharge:** Given the 450V rating and 400µF capacity, this capacitor can hold a lethal charge long after power is disconnected. Always use a discharge resistor before handling.
- ⤷What is the expected service life of the MDCL series at 85°C?
- ⤷ Are there equivalent alternatives from other manufacturers like Nichicon or TDK?
- ⤷ How do I calculate the ripple current limit for this specific model?