AI

The part number **427MDCL112KHG** refers to a high-performance **Multilayer Ceramic Capacitor (MLCC)**, typically used in power electronics and high-reliability industrial applications.
Based on standard naming conventions for electronic components of this class, here is a detailed breakdown of its specifications.
---
### 1. General Specifications
This component is designed for energy storage, filtering, and snubbing in circuits requiring high capacitance and voltage tolerance.
| Feature | Specification (Estimated) |
| :--- | :--- |
| **Component Type** | Multilayer Ceramic Capacitor (MLCC) |
| **Capacitance** | 1.1 µF (Microfarads) |
| **Voltage Rating** | High Voltage (Often 100V - 500V range) |
| **Tolerance** | ±10% (Indicated by 'K') |
| **Dielectric Type** | X7R or similar (Stable across temperature) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Part Number Deciphering
While manufacturers (like KEMET, TDK, or specialized power cap brands) have proprietary codes, the string breaks down as follows:
* **427**: Often refers to the physical case size or a specific product series.
* **MDC**: Generally denotes "Multilayer Dielectric Ceramic" or a specific high-density series.
* **112**: The capacitance code.
* `11` = Significant figures.
* `2` = Number of zeros.
* `1100` pF = 1.1 µF.
* **K**: Tolerance code (±10%).
* **HG**: Often refers to the termination style (e.g., Gold plated or Tin/Lead) or high-temperature rating.
---
### 3. Key Characteristics
* **Temperature Stability:** Likely uses a Class II dielectric, meaning it maintains relatively stable capacitance despite changes in temperature.
* **Low ESR/ESL:** Being a ceramic capacitor, it has very low Equivalent Series Resistance and Inductance, making it ideal for high-frequency switching.
* **Durability:** The "HG" suffix often implies a ruggedized design for industrial or aerospace environments.
---
### 4. Common Applications
* **DC-DC Converters:** Used for input and output filtering to smooth voltage ripples.
* **Snubber Circuits:** Protects semiconductors from voltage spikes during switching.
* **Power Supplies:** High-voltage bypass and decoupling.
* **Electric Vehicles (EV):** Used in on-board chargers and inverter systems.
---
### 5. Handling Precautions
* **Thermal Shock:** MLCCs are brittle. Ensure proper ramp-up/down temperatures during soldering to avoid internal cracking.
* **Flex Cracking:** High-capacitance chips in large cases are sensitive to PCB bending. Use soft-termination variants if the board is subject to vibration.
- ⤷
What is the exact voltage rating for the 427MDCL112KHG?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What are the physical dimensions (case size) of this capacitor?