427MDCL112KHH
AI

Based on the part number **427MDCL112KHH**, this component is a high-performance **Metallized Polypropylene Film Capacitor**, typically used in power electronics and DC-Link applications.
---
### 1. Technical Specifications Table
The following table breaks down the likely technical parameters based on the standard nomenclature for this series of capacitors:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 1,100 µF (1.1 mF) |
| **Voltage Rating** | 1,200 VDC (Approx.) |
| **Tolerance** | ±10% (K Code) |
| **Dielectric Material** | Metallized Polypropylene Film |
| **Technology** | DC-Link / Power Electronic |
| **Mounting Type** | Screw Terminals / Modular |
---
### 2. Part Number Breakdown
While manufacturer codes can vary slightly (often associated with brands like **ICEL** or specialized film capacitor makers), the alphanumeric string typically decomposes as follows:
* **427**: Often refers to the series or physical housing dimensions.
* **MDC**: Generally stands for **M**etallized **D**C-Link **C**apacitor.
* **L**: May indicate lead style or specific temperature rating.
* **112**: The capacitance value in picofarads (pF) using the standard 3-digit code. `11` followed by `2` zeros = 1,100 µF.
* **K**: Tolerance code, representing **±10%**.
* **HH**: Specific internal factory codes related to terminal style or voltage rating (often 1200V range).
---
### 3. Key Applications
These parts are designed for heavy-duty filtering and energy storage. Common use cases include:
1. **Renewable Energy**: Inverters for solar power and wind turbines to smooth the DC bus voltage.
2. **Electric Vehicles (EV)**: Used in the motor drive inverter to manage high-current ripples.
3. **Industrial Drives**: Large Variable Frequency Drives (VFDs) and UPS systems.
4. **Welding Equipment**: Energy discharge and filtering in high-power welding units.
---
### 4. Advantages of this Component
* **Self-Healing Properties**: If a dielectric breakdown occurs, the metallized layer evaporates around the point of failure, allowing the capacitor to continue functioning.
* **High Ripple Current Handling**: Capable of managing significant AC currents superimposed on the DC voltage.
* **Low ESR/ESL**: Low Equivalent Series Resistance and Inductance ensure minimal heat generation and fast response times.
- ⤷
What is the maximum operating temperature for the 427MDCL series?
- ⤷ How does a DC-Link capacitor differ from a standard electrolytic capacitor?
- ⤷ What are the recommended mounting torque specs for these terminals?