Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 4316P-R2R-503

  • AI
    The **4316P-R2R-503** is a specialized passive electronic component manufactured by Bourns. It is a **Thick Film Resistor Network** configured specifically as an **R-2R Ladder**, which is primarily used for Digital-to-Analog conversion. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number Series** | 4300P Series (Molded DIP) | | **Circuit Type** | R-2R Ladder (Binary Weighted) | | **Resistance Value ($R$)** | 50 kΩ (denoted by the code `503`) | | **Number of Pins** | 16 Pins | | **Package Style** | Molded Slim Low Profile (DIP) | | **Tolerance** | ±2% (Standard for this series) | | **Temperature Coefficient** | ±100 ppm/°C | --- ### 2. Internal Configuration: The R-2R Ladder The "R2R" in the part number indicates the internal resistor arrangement. This network uses only two resistor values: **$R$** and **$2R$**. * **R Value:** 50 kΩ * **2R Value:** 100 kΩ By connecting these in a specific "ladder" formation, the device can convert a digital bitstream into a proportional analog voltage. Because all resistors are manufactured on the same substrate, they exhibit excellent **thermal tracking**, meaning their resistance values change identically as temperature shifts, maintaining high accuracy. --- ### 3. Pinout and Physical Characteristics The `4316P` designation tells us about the physical housing: * **43:** Product line for Molded DIP networks. * **16:** The total number of pins (8 bits of resolution are typically supported in a 16-pin R-2R package). * **P:** Denotes the physical package style (Molded). --- ### 4. Common Applications This component is used in circuits where a simple, stable digital-to-analog interface is required without using a dedicated integrated circuit (IC) DAC: 1. **Digital-to-Analog Converters (DAC):** Creating an analog output from a microcontroller's GPIO pins. 2. **Variable Gain Amplifiers:** Using the ladder to control the gain of an Op-Amp. 3. **Function Generators:** Synthesizing waveforms (sine, triangle, square) via digital control. 4. **Reference Voltage Adjustment:** Setting precise voltage levels in power supply circuits. --- ### 5. Part Number Breakdown `4316P` - `R2R` - `503` * **4316P:** 16-pin Molded DIP Package. * **R2R:** Internal circuit schematic is a Resistor Ladder. * **503:** Resistance value. $50 \times 10^3 = 50,000$ ohms (50 kΩ).
    ✨ Follow-up Questions
    • ⤷ How do you calculate the output voltage of an R-2R ladder circuit?
    • ⤷ What are the advantages of using a resistor network over discrete resistors?
    • ⤷ Is the 4316P-R2R-503 compatible with 3.3V and 5V logic levels?