Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 47LT-1D0YR-M2/Q

  • AI
    The part number **47LT-1D0YR-M2/Q** typically refers to a specialized electronic component, often associated with automotive or industrial grade **capacitors** or **protective components** (such as Varistors/MOVs or specialized MLCCs), depending on the specific manufacturer (commonly associated with brands like Panasonic or KEMET in specific series). Below is a breakdown of the typical electronic characteristics and specifications associated with this type of nomenclature. --- ### 1. Technical Specifications (General Overview) | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Likely a Surge Absorber or Chip Varistor | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Voltage Rating** | Dependent on the "47" prefix (often 47V or related to clamping voltage) | | **Tolerance** | ±10% to ±20% | | **Mounting Type** | Surface Mount (SMD) | | **Packaging** | Tape and Reel (M2/Q suffix often denotes reel size/quantity) | --- ### 2. Breakdown of the Part Number The alphanumeric string follows a specific coding logic used by manufacturers to define the physical and electrical properties: * **47L / 47LT**: Usually indicates the series or the nominal voltage rating (e.g., 47 Volts). * **1D0**: This represents the capacitance or energy rating. In many coding systems, "1D0" translates to a specific multiplier. * **YR**: Often refers to the physical case size (e.g., 0603, 0805, or 1210) and the temperature coefficient. * **M2/Q**: These are suffix codes for **Packaging and Quality**. * **M2**: Usually indicates a specific reel diameter (e.g., 180mm). * **Q**: Frequently signifies **AEC-Q200** compliance, meaning the part is qualified for automotive use and has high reliability against vibration and thermal shock. --- ### 3. Key Electronic Functions If this part is utilized as a **Varistor (MOV)** or **Surge Protector**: 1. **Overvoltage Protection**: It protects sensitive downstream integrated circuits (ICs) from voltage spikes and ESD (Electrostatic Discharge). 2. **Bi-directional Clamping**: It can handle transients in both positive and negative directions. 3. **High Inrush Current**: Designed to absorb sudden bursts of energy without failing. --- ### 4. Application Areas * **Automotive Electronics**: Control units (ECUs), infotainment systems, and sensor protection. * **Industrial Automation**: Protection for PLC inputs and outputs. * **Power Supplies**: Filtering transient noise in DC/DC converters. ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the 47LT series components?
    • ⤷ What is the exact clamping voltage for the 1D0YR variant?
    • ⤷ Are there specific soldering footprints recommended for the M2/Q package?