48AV-4RH0-R
AI

Based on the part number **48AV-4RH0-R**, this component is a specific type of **Rotary Potentiometer** or **Encoder**, typically manufactured by companies like **Alpha** or similar specialized electronic component providers. These are commonly used in audio equipment, industrial controls, and household appliances.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Rotary Potentiometer | A variable resistor used to control electrical signals. |
| **Resistance Value** | Variable | Usually indicated by trailing digits (though 4RH0 is a specific series code). |
| **Terminal Style** | Horizontal / Right Angle | The "R" usually indicates a right-angle mounting for PCB edge placement. |
| **Shaft Type** | Flatted / Knurled | Design for knob attachment. |
| **RoHS Status** | Compliant | The "-R" suffix often denotes Lead-Free/RoHS compliance. |
---
## 2. Key Electronic Functions
The 48AV-4RH0-R serves several critical roles in a circuit:
1. **Voltage Division:** It acts as a voltage divider to provide a variable output voltage based on the position of the mechanical shaft.
2. **Signal Modulation:** Used to adjust parameters such as volume, gain, or frequency in analog circuits.
3. **Human-Machine Interface (HMI):** Converts mechanical rotation into an electrical signal that a microcontroller or analog circuit can interpret.
---
## 3. Physical Construction
* **Resistive Element:** Typically made of carbon film or cermet.
* **Wiper:** A moving contact that slides along the resistive element.
* **Housing:** Metal or plastic casing designed to protect the internal contacts and provide structural integrity when soldered to a PCB.
* **Mounting:** Designed for Through-Hole Technology (THT) with pins spaced for standard breadboards or production PCBs.
---
## 4. Common Applications
* **Audio Equipment:** Volume knobs on guitar amplifiers, mixers, and synthesizers.
* **Test Equipment:** Fine-tuning dials on oscilloscopes or power supplies.
* **Lighting Controls:** Dimmer switches and color temperature adjustments.
* **Industrial Panels:** Setting speed or time parameters on control boards.
- ⤷
What is the standard resistance value for this specific model?
- ⤷ Can this part be substituted with a vertical mounting version?
- ⤷ What are the power rating limitations for the 48AV series?