48SV2-BHAST-R
AI

Based on the part number provided, the **48SV2-BHAST-R** is a specific configuration of a **rotary encoder**, likely manufactured by **Nemicon** or a similar industrial sensor brand. These devices are used to convert mechanical rotation into electrical signals to monitor position, speed, or direction.
---
### 1. Technical Specifications Table
The following table breaks down the technical characteristics typical of the **48SV2** series:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | 48SV2 | 48mm diameter, Standard Voltage / Version 2 |
| **Output Type** | Incremental | Produces a specific number of pulses per revolution |
| **Signal Phases** | A, B, Z | Dual phase (A/B) for direction + Zero index (Z) |
| **Supply Voltage** | 5V - 24V DC | Varies based on the driver IC used |
| **Connection** | Cable / Connector | Rear or side entry depending on mounting |
| **Protection** | IP50 - IP65 | Protection against dust and moisture ingress |
---
### 2. Breakdown of the Part Number
While specific manufacturer catalogs can vary slightly, the suffix codes generally represent the following electronic and mechanical attributes:
* **48**: Represents the outer diameter of the encoder body (48mm).
* **SV2**: Series identifier (usually "Super Version 2" or Standard Voltage).
* **B**: Often indicates the pulse per revolution (PPR) or a specific shaft configuration.
* **HAST**: This typically refers to the electrical interface:
* **H**: High-resolution or Hollow shaft.
* **AS**: Often stands for **Asynchronous** or refers to the output circuit (e.g., Push-Pull or Line Driver).
* **T**: Totem-pole (Push-Pull) output, which is compatible with both NPN and PNP logic.
* **R**: Indicates **Reverse** rotation logic or a specific **Radial** cable exit.
---
### 3. Key Electronic Components
The internal electronics of this encoder include:
1. **Infrared LED & Photodetector:** The optical heart of the device that generates the raw pulses.
2. **Code Disc:** A precision-slotted disc that modulates the light beam.
3. **Signal Processing IC:** Converts the analog sine-wave signals from the photodetector into clean square waves.
4. **Output Driver:** A robust transistor-based circuit (like a 74HC series or specialized driver) that allows the signal to travel over long cables without significant noise interference.
---
### 4. Typical Applications
* **Servo Motors:** For closed-loop feedback control.
* **Conveyor Systems:** Monitoring belt speed and item positioning.
* **CNC Machinery:** Precise axis positioning.
* **Elevators:** Tracking floor position and door speeds.
- ⤷
What is the maximum Pulse Per Revolution (PPR) supported by this series?
- ⤷ How do I wire a Totem-pole output to a PLC?
- ⤷ What is the difference between this and an absolute encoder?