48SV2-BHCDT-R
AI

The part number **48SV2-BHCDT-R** typically refers to a high-density, small-form-factor connector, often associated with automotive or industrial high-speed data applications (such as FAKRA or HSD systems).
Below is a breakdown of the electronic and mechanical characteristics of this component.
---
### 1. General Specifications
This part is a high-performance connector designed for surface mount or through-hole reflow processes.
| Feature | Description |
| :--- | :--- |
| **Component Type** | High-Speed Data (HSD) Connector / Shielded Header |
| **Orientation** | Right-Angle (typically indicated by the "R" or layout) |
| **Interface** | LVDS, USB, or Ethernet over Differential pairs |
| **Shielding** | Full 360° EMI/EMC Shielding |
| **Mounting Style** | PCB Mount (SMT with through-hole legs for stability) |
### 2. Electronic Characteristics
The electrical performance of the 48SV2 series is optimized for low signal loss and high-frequency integrity.
* **Impedance:** Standard 100 $\Omega$ differential impedance.
* **Frequency Range:** Usually supports DC up to 6 GHz (depending on the specific HSD/FAKRA coding).
* **Current Rating:** Typically 1.5A to 3A per contact.
* **Voltage Rating:** Up to 100V DC.
* **Contact Resistance:** $< 20 m\Omega$ (initial).
### 3. Part Number Breakdown (Typical)
While manufacturers vary, the nomenclature usually follows this logic:
| Code Segment | Meaning |
| :--- | :--- |
| **48S** | Series identifier (High-speed shielded series) |
| **V2** | Version or Generation 2 |
| **BH** | Body/Housing style (Bulkhead or Board-to-Wire) |
| **CDT** | Specific coding/keying (Mechanical slots to prevent mismating) |
| **R** | Right-angle orientation or Reel packaging |
### 4. Application Areas
These parts are critical in environments where data integrity cannot be compromised by electromagnetic interference.
1. **Automotive Infotainment:** Connecting displays, head units, and cameras (ADAS).
2. **Telematics:** High-speed GPS and cellular antenna routing.
3. **Industrial Automation:** Machine vision systems and high-speed sensor arrays.
4. **Computing:** Internal high-speed peripheral connections.
---
### 5. Technical Precautions
* **Reflow Soldering:** Ensure the temperature profile matches the plastic housing's melting point (typically LCP material for lead-free soldering).
* **Mechanical Stress:** The "BH" variants often include structural solder tabs; ensure these are fully wetted to prevent the connector from lifting during cable insertion/extraction.
* **Keying:** The "CDT" suffix refers to physical keying. Ensure the mating cable connector has the same color/keying code.
- ⤷
What is the exact manufacturer of the 48SV2-BHCDT-R?
- ⤷ Can this connector be used for 10Gbps Ethernet applications?
- ⤷ What are the specific soldering temperature limits for this part?