Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 48SV2-BVADT-R

  • AI
    The part number **48SV2-BVADT-R** typically refers to a high-density, low-power **Synchronous Dynamic Random Access Memory (SDRAM)** or a specific variant of **Mobile DDR (LPDDR)** commonly used in embedded systems, mobile devices, and automotive infotainment. Below is a detailed breakdown of its technical characteristics and typical specifications. --- ### 1. General Specifications While specific datasheets are often proprietary to manufacturers like Winbond or Micron, parts in this series generally follow these parameters: | Attribute | Specification | | :--- | :--- | | **Component Type** | LPDDR / Mobile SDRAM | | **Density** | Usually 256Mb or 512Mb (standard for this series) | | **Voltage (Vcc)** | 1.8V (Low Power) | | **Package Type** | VFBGA (Very Thin Fine-Pitch Ball Grid Array) | | **Temperature Range** | Industrial (-40°C to +85°C) or Automotive | --- ### 2. Functional Architecture This component is designed to manage high-speed data transfer while maintaining a small physical footprint. * **Synchronous Interface:** All operations are synchronized to the positive edge of the system clock. * **Low Power Consumption:** It includes features like **Partial Array Self-Refresh (PASR)** and **Deep Power Down (DPD)** modes to extend battery life in portable applications. * **Data Masking:** Supports byte-masking during write operations via DM pins. --- ### 3. Pinout and Connectivity (VFBGA) As a BGA component, the connections are arranged in a grid under the chip. Key signal groups include: 1. **Address Bus (A0-Ax):** Used to select memory rows and columns. 2. **Data Bus (DQ0-DQx):** Bidirectional lines for data input/output. 3. **Command Pins:** Includes `RAS#` (Row Address Strobe), `CAS#` (Column Address Strobe), and `WE#` (Write Enable). 4. **Clocking:** Differential clock inputs (`CK`, `CK#`) for timing precision. --- ### 4. Typical Applications Due to its "R" suffix (often indicating "RoHS compliant" and "Tape & Reel" packaging) and the "V" designation (low voltage), it is commonly found in: * **IoT Gateways:** Where low energy consumption is critical. * **Automotive Dashboards:** Providing memory for digital instrument clusters. * **Handheld Terminals:** Such as barcode scanners or POS systems. --- ### 5. Part Number Decoder (Typical) | Code Segment | Meaning | | :--- | :--- | | **48** | Manufacturer Series (e.g., Mobile RAM) | | **SV** | Supply Voltage (usually 1.8V) | | **BV** | Package Type (VFBGA) | | **ADT** | Speed Grade / Revision | | **R** | Packaging (Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the exact memory density of the 48SV2-BVADT-R?
    • ⤷ Is this part compatible with standard 3.3V SDRAM controllers?
    • ⤷ What are the specific power-saving modes supported by this chip?