48SV2-BVCDT-R
AI

Based on the part number **48SV2-BVCDT-R**, this component is a specific type of **DC-DC Converter** typically manufactured by companies like **Delta Electronics**. It is designed for high-efficiency power conversion in industrial and telecommunications applications.
---
## Technical Specifications Overview
The nomenclature of this part follows a standard coding system for isolated DC-DC converters. Below is the breakdown of its primary characteristics:
### 1. Electrical Characteristics
| Feature | Description |
| :--- | :--- |
| **Input Voltage** | Typically 36V to 75V (Standard 48V nominal) |
| **Output Voltage** | Usually regulated 12V or 5V (depending on the specific sub-series) |
| **Form Factor** | 1/16th Brick (Very compact footprint) |
| **Efficiency** | High efficiency, often exceeding 90-93% |
| **Isolation** | Input-to-output isolation (commonly 1500V - 2250V DC) |
### 2. Part Number Breakdown
While manufacturer coding can vary slightly, here is the standard logic for this series:
* **48S**: Indicates the nominal input voltage (48V).
* **V**: Voltage series identifier.
* **2**: Generation or revision number.
* **B**: Specific output power or current rating.
* **VCDT**: Specific configuration (Pin length, logic type, and thermal plate options).
* **-R**: RoHS Compliant (Lead-free).
---
## Key Internal Components
The **48SV2-BVCDT-R** consists of several critical electronic stages to manage power:
1. **Input Filter:** Uses surface-mount capacitors and inductors to reduce electromagnetic interference (EMI).
2. **PWM Controller:** An integrated circuit that regulates the switching frequency to maintain a steady output voltage regardless of load changes.
3. **Power MOSFETs:** High-speed switches that convert DC to high-frequency AC for the transformer.
4. **Isolation Transformer:** A planar transformer that provides galvanic isolation between the input and output stages.
5. **Synchronous Rectification:** Uses MOSFETs instead of diodes on the output stage to minimize power loss and heat generation.
---
## Applications and Benefits
* **Telecommunications:** Powering boards in base stations and switching centers.
* **Data Centers:** Converting 48V rack power down to usable levels for servers.
* **Thermal Management:** The "CDT" suffix often denotes specific pin lengths and thermal features for heat-sink mounting, making it suitable for fanless or high-heat environments.
* **Protection Features:** Includes Over-Current Protection (OCP), Over-Voltage Protection (OVP), and Over-Temperature Protection (OTP).
- ⤷
What is the maximum output current for this specific model?
- ⤷ Is this converter compatible with negative logic or positive logic control?
- ⤷ What are the physical dimensions of a 1/16th brick DC-DC converter?