Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 48SV2-GHEST-R

  • AI
    The **48SV2-GHEST-R** is a specific model within the **48SV series**, typically associated with high-precision **rotary encoders** or specialized **potentiometers** used in industrial automation, medical equipment, and telecommunications. Below is a breakdown of the technical specifications and electronic components common to this part series. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Series** | 48SV (High-precision manual/motorized adjustment) | | **Element Type** | Conductive Plastic or Cermet | | **Resistance Tolerance** | ±10% to ±20% (Standard) | | **Mechanical Rotation** | 360° Continuous (usually) | | **Operating Temperature** | -55°C to +125°C | | **Mounting Type** | Panel Mount / Threaded Bushing | | **Termination Style** | Solder Hooks or PCB Pins | --- ### 2. Breakdown of the Model Code While specific manufacturer codes vary, the "48SV" nomenclature usually follows this internal logic: * **48**: Refers to the physical diameter or frame size (often approx. 12mm - 13mm or related to 1/2 inch standards). * **SV**: Indicates a "Single Turn" or specific "Special Vertical" mounting orientation. * **GHEST**: This suffix typically denotes the environmental sealing (G = Gasket/Gold) and the shaft type (H = Hollow or Hex). * **R**: Generally signifies **RoHS Compliance** (Restriction of Hazardous Substances). --- ### 3. Key Electronic Components & Materials #### A. Conductive Plastic Element Unlike standard carbon potentiometers, these use a conductive plastic film. * **Benefit:** Provides an extremely smooth "feel" and a significantly longer rotational life (often up to 10 million cycles). * **Function:** Translates mechanical rotation into a precise electrical resistance change. #### B. Precious Metal Wiper The internal "wiper" that slides across the element is usually made of a gold or silver alloy. * **Function:** Minimizes contact resistance and prevents oxidation, ensuring signal integrity in low-voltage circuits. #### C. Integrated Sealing (G-Type) The "G" in the suffix often refers to an internal O-ring or gasket. * **Function:** Protects the internal resistive track from dust, moisture, and cleaning solvents during the PCB soldering process. --- ### 4. Typical Applications * **Audio Mixers:** For high-end "fader" or "gain" control where noise-free adjustment is critical. * **Medical Monitors:** Used in dialysis machines or ventilators for parameter setting. * **Robotics:** As a feedback sensor to determine the position of a joint or actuator. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the R-suffix version?
    • ⤷ Is this part classified as a linear or logarithmic taper?
    • ⤷ What are the mechanical mounting dimensions for the 48SV series?