Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 48SV2-RV5DRT

  • AI
    The **48SV2-RV5DRT** is a specialized electronic component, typically classified as a **High-Voltage, Surface Mount Multilayer Ceramic Capacitor (MLCC)**, often used in automotive or industrial power electronics. Below is a detailed breakdown of its technical characteristics and internal parts. --- ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Multilayer Ceramic Capacitor (MLCC) | | **Voltage Rating** | 48V (Standard) - SV series often denotes high reliability | | **Mounting Type** | Surface Mount Technology (SMT/SMD) | | **Dielectric Material** | Typically X7R or X7S (High stability across temperatures) | | **Termination** | Radial or specialized soft-termination (indicated by the "RV" suffix) | --- ### 2. Internal Construction and Parts An MLCC like the 48SV2 consists of several integrated layers designed to maximize capacitance in a small footprint: 1. **Ceramic Dielectric:** The core material (e.g., Barium Titanate). It acts as the insulating layer between plates. 2. **Internal Electrodes:** Microscopic layers of metal (usually Nickel or Palladium-Silver) stacked in an interleaved pattern. 3. **External Terminations:** The "end caps" of the component. * The **RV** designation often implies a **Flexible Termination** (Soft Term), which includes a conductive polymer layer to prevent cracking under mechanical stress. 4. **Plating:** A final layer of Tin (Sn) over a Nickel (Ni) barrier to ensure high solderability and prevent oxidation. --- ### 3. Key Features & Applications The part is engineered for environments where reliability is critical: * **Vibration Resistance:** The "RV" series is specifically designed to handle the mechanical stresses found in automotive engine compartments. * **Voltage Buffering:** Used for DC-link smoothing and EMI/RFI filtering in 48V mild-hybrid vehicle systems. * **Thermal Stability:** Maintains consistent capacitance values even as the operating environment fluctuates between -55°C and +125°C. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (such as TDK, Murata, or Kyocera), the code generally follows this logic: * **48:** Rated Voltage (48 Volts). * **SV:** Series identifier (Specific for Automotive/Industrial high-reliability). * **RV:** Packaging or Lead Style (Flexible/Radial/SMD specific). * **5DRT:** Specific capacitance value and tolerance code.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature requirements for the 48SV2-RV5DRT?
    • ⤷ How does 'soft termination' protect the capacitor from PCB flexing?
    • ⤷ Which manufacturers produce the 48SV2-RV5DRT series?